Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7410 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS7410
Description  CD/MP3/WMA Audio Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7410 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS7410 Datasheet HTML 28Page - Cirrus Logic CS7410 Datasheet HTML 29Page - Cirrus Logic CS7410 Datasheet HTML 30Page - Cirrus Logic CS7410 Datasheet HTML 31Page - Cirrus Logic CS7410 Datasheet HTML 32Page - Cirrus Logic CS7410 Datasheet HTML 33Page - Cirrus Logic CS7410 Datasheet HTML 34Page - Cirrus Logic CS7410 Datasheet HTML 35Page - Cirrus Logic CS7410 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
CS7410
32
DS553PP1
4.5
ROM/NVRAM Interface
The ROM/NVRAM Interface pins are described in Table 12. This interface connects to the non-volatile
memory that contains the firmware. The memory could be ROM, NVRAM (FLASH), EEPROM, or any com-
bination of these memory types. This interface can also connect to SRAM that would emulate a ROM on a
development system. The bus width is always 8 bits. Most of these pins are shared with the DRAM interface,
which operates simultaneously with the ROM/NVRAM interface. A number of pins are defined to accept con-
figuration input at power-up (see Table7), allowing different branches to be taken in the firmware. A config-
uration resistor is required on pin PCM_DO_0 to select whether the processor will boot from internal or
external ROM.
25, 26, 27, 28,
29, 30, 31, 32,
33, 34, 35, 36
DRAM
Address[11..0]
O
Memory Address Bus.
37
DR_RAS_L
O
Memory Row Address Strobe
39
DR_CAS_L
O
Memory Column Address Strobe
41
M_WE_L
O
Memory Write Enable
47
M_AP_OE
O
Memory Output Enable
Pin
Signal Name
Type
Description
Table 11. EDO DRAM Interface (Continued)
Pin
Signal Name
Type
Description
11, 13, 15, 20,
21, 22, 23, 24
NVMem Data[7..0]
B
Memory Data Bus (shared with bits [7:0] of DRAM data
bus).
25, 26, 27, 28,
29, 30, 31, 32,
33, 34, 35, 36
NVM_Addr[11..0]
O
Memory Address Bus[11..0] (shared with DRAM address
bus)
3, 4, 5, 6, 7, 8, 9,
10
NVM_Addr[19..12]
O
Memory Address Bus[19..12] (shared with bits [15..8] of
DRAM data bus).
46
NVM_Addr[20]
O
Memory Address Bus[20] (DRAM BS_L pin).
41
NVM_WE_L
O
NVRAM Write Enable (shared with DRAM WE_L pin)
47
NVM_OE_L
O
NVRAM Write Enable (shared with DRAM WE_L pin)
48
NVM_CE_L
O
ROM/NVRAM Chip Enable.
Table 12. ROM/NVRAM Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com