Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7410 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS7410
Description  CD/MP3/WMA Audio Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7410 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS7410 Datasheet HTML 11Page - Cirrus Logic CS7410 Datasheet HTML 12Page - Cirrus Logic CS7410 Datasheet HTML 13Page - Cirrus Logic CS7410 Datasheet HTML 14Page - Cirrus Logic CS7410 Datasheet HTML 15Page - Cirrus Logic CS7410 Datasheet HTML 16Page - Cirrus Logic CS7410 Datasheet HTML 17Page - Cirrus Logic CS7410 Datasheet HTML 18Page - Cirrus Logic CS7410 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
CS7410
DS553PP1
15
1.1.4.4
FLASH / ROM Interface
Note:Values shown are for minimum internal clock period (11ns) and no programmed wait states.
Symbol
Description
Min
Typ
Max
Unit
tCSpw
CE low period
135
ns
tRDd1
CE fall to output enable fall
5
ns
tRDd2
CE rise to output enable rise
-5
5
ns
tADs
Address setup to CE fall
-10
10
ns
tDAs
Data setup after address1
28
ns
tWRSU
All outputs setup before WE
95
ns
tWRPW
WE pulse width
170
ns
tWRH
All outputs hold after WE
95
ns
Table 4. FLASH/ROM Read Characterization Data
1.Value shown for 3 programmed wait states.
NVM_CE_L
M_WE_L
M_AP_OE
M_A
M_D
t
ADs
t
CSpw
t
RDd1
t
RDd2
t
DAS
Figure 10. FLASH/ROM Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com