Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7410 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS7410
Description  CD/MP3/WMA Audio Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7410 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS7410 Datasheet HTML 20Page - Cirrus Logic CS7410 Datasheet HTML 21Page - Cirrus Logic CS7410 Datasheet HTML 22Page - Cirrus Logic CS7410 Datasheet HTML 23Page - Cirrus Logic CS7410 Datasheet HTML 24Page - Cirrus Logic CS7410 Datasheet HTML 25Page - Cirrus Logic CS7410 Datasheet HTML 26Page - Cirrus Logic CS7410 Datasheet HTML 27Page - Cirrus Logic CS7410 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
CS7410
24
DS553PP1
processor communication, and 32 semaphore reg-
isters are used for resource locking. Three timers
are available for general-purpose functions, as well
as more specialized functions, such as watchdog
timers and performance monitoring.
The large number of general purpose I/Os offers
flexibility in system configurations. Three separate
synchronous serial interfaces, conforming to indus-
try-standard protocols, are available for a variety of
system interface functions. Four general purpose
software interrupts and twelve hardware interrupts
help reduce peripheral overhead and improve UI
responsiveness. Power-down control of the internal
clocks is also possible. An internal PLL is used to
generate the internal system and memory clocks as
well as audio clocks for all supported sample rates.
3.6
Audio Output
Decoded audio data is written into an output FIFO
in 16-, 18-, 20- or 24-bit PCM format. A flexible
audio output stage can simultaneously output 4
channels of PCM data to external audio DACs, plus
an independent IEC-958 encoded output. The IEC-
958 output has fully programmable channel status
(commercial), and provides a flexible solution to
support all IEC-958 modes for user data. The audio
output circuit contains an auto-mute detect circuit,
which can generate internal or external mute con-
trols
PCM FIFO data up to 18 bits can also be output by
the on-board sigma-delta stereo modulator. The
sigma-delta modulator yields a typical 85 dB sig-
nal-to-noise ratio with few external components re-
quired, resulting in a low-cost, low parts count
analog front end. The modulator has a 32x upsam-
pling filter, followed by a 32x interpolator, and fi-
nally a 5th-order Sigma-Delta modulator.
The
auto-mute circuit also works on the modulator out-
put, and there are separate programmable attenua-
tors for the modulator output and both PCM
outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com