Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7410 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS7410
Description  CD/MP3/WMA Audio Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7410 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS7410 Datasheet HTML 30Page - Cirrus Logic CS7410 Datasheet HTML 31Page - Cirrus Logic CS7410 Datasheet HTML 32Page - Cirrus Logic CS7410 Datasheet HTML 33Page - Cirrus Logic CS7410 Datasheet HTML 34Page - Cirrus Logic CS7410 Datasheet HTML 35Page - Cirrus Logic CS7410 Datasheet HTML 36Page - Cirrus Logic CS7410 Datasheet HTML 37Page - Cirrus Logic CS7410 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
CS7410
34
DS553PP1
4.8
CD Interface
The CD Interface pins are described in Table 15. This interface is used to read serial CD data from a CD
servo/read channel chip. The interface supports all standard formats, including 16 MHz, 24 MHz and 32
MHz clocks per container. Control of the CD servo chip is done by the RISC processor using GPIOs, and
CD subcode data is read using the dedicated serial interface (SER3).
Pin
Signal Name
Type
Description
81
CD_BCLK
I
CD clock input – polarity is programmable
82
CD_LRCK
I
CD left-right clock input
83
CD_DATA
I
CD serial data input
80
CD_C2P0
I
CD error signaling input
Table 15. CD Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com