Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7410 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS7410
Description  CD/MP3/WMA Audio Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7410 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS7410 Datasheet HTML 22Page - Cirrus Logic CS7410 Datasheet HTML 23Page - Cirrus Logic CS7410 Datasheet HTML 24Page - Cirrus Logic CS7410 Datasheet HTML 25Page - Cirrus Logic CS7410 Datasheet HTML 26Page - Cirrus Logic CS7410 Datasheet HTML 27Page - Cirrus Logic CS7410 Datasheet HTML 28Page - Cirrus Logic CS7410 Datasheet HTML 29Page - Cirrus Logic CS7410 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
CS7410
26
DS553PP1
Table7 lists the pin number, pin name, and pin type for the 100-pin CS7410 package. For signal pins, the
pin direction after reset is shown. The primary function and pin direction is shown for all signal pins. For
some signal pins, a secondary function and direction are also shown.
Pwr: +2.5V or +3.3V power supply voltage
Gnd: Power supply ground
Name_N: Low active
Name_L: Low active
Table 6. Pin Type and Direction Legend (Continued)
Pin
Name
Type
Reset
Function #1
Dir
Function #2
Dir
Note
1
PLL_GND
Gnd
PLL Ground
2
PLL_1V8
Pwr
PLL Power
3
M_D_15
B4
I
DRAM Data[15]
B
NVMem
Address[19]
O
4
M_D_14
B4
I
DRAM Data[14]
B
NVMem
Address[18]
O
5
M_D_13
B4
I
DRAM Data[13]
B
NVMem
Address[17]
O
6
M_D_12
B4
I
DRAM Data[12]
B
NVMem
Address[16]
O
7
M_D_11
B4
I
DRAM Data[11]
B
NVMem
Address[15]
O
8
M_D_10
B4
I
DRAM Data[10]
B
NVMem
Address[14]
O
9
M_D_9
B4
I
DRAM Data[9]
B
NVMem
Address[13]
O
10
M_D_8
B4
I
DRAM Data[8]
B
NVMem
Address[12]
O
11
M_D_7
B4
I
DRAM Data[7]
B
NVMem Data[7]
B
12
CORE_1V8
Pwr
Core Power
13
M_D_6
B4
I
DRAM Data[6]
B
NVMem Data[6]
B
14
CORE_GND
Gnd
Core Ground
15
M_D_5
B4
I
DRAM Data[5]
B
NVMem Data[5]
B
16
IO_3V3
Pwr
I/O Power
17
XTLCLK_O
O
O
Oscillator Out
O
Table 7. Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com