Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7410 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS7410
Description  CD/MP3/WMA Audio Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7410 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS7410 Datasheet HTML 27Page - Cirrus Logic CS7410 Datasheet HTML 28Page - Cirrus Logic CS7410 Datasheet HTML 29Page - Cirrus Logic CS7410 Datasheet HTML 30Page - Cirrus Logic CS7410 Datasheet HTML 31Page - Cirrus Logic CS7410 Datasheet HTML 32Page - Cirrus Logic CS7410 Datasheet HTML 33Page - Cirrus Logic CS7410 Datasheet HTML 34Page - Cirrus Logic CS7410 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
CS7410
DS553PP1
31
4.4
SDRAM / DRAM Interface
These pins are used to interface the CS7410 with external synchronous or EDO DRAMs. Data widths of 4
to 16 bits are supported. The CS7410 supports word or block transfers (partial word transfers are not re-
quired). Table 10 gives instructions on how to interface to any particular configuration of SDRAM. Table 11
gives pin definitions for interfacing to EDO DRAM.
68
SER2_CS
B
Chip select for 4-wire serial port (output if master, input if
slave mode). Can also be used as bidirectional ready line.
69
SER3_CLK
O
Clock output
70
SER3_DO
O
Data output – up to 32 bits per transfer.
72
SER3_DI
I
Data input – up to 96 bits per transfer.
74
SER3_SS0
O
Slave select for first peripheral (programmable polarity)
76
SER3_SS1
O
Slave select for second peripheral (programmable polar-
ity)
Table 9. Serial Interface Pins (Continued)
Pin
Signal Name
Type
Description
3, 4, 5, 6, 7, 8, 9,
10, 11, 13, 15, 20,
21, 22, 23, 24
DRAM
Data[15..0]
B
Memory Data Bus.
25, 26, 27, 28,
29, 30, 31, 32,
33, 34, 35, 36
DRAM
Address[11..0]
O
Memory Address Bus. Connect in order starting with
DR_Addr[0] to all RAM address pins not already connected
to DR_BS_L or DR_AP.
37
DR_RAS_L
O
Memory Row Address Strobe
39
DR_CAS_L
O
Memory Column Address Strobe
41
M_WE_L
O
Memory Write Enable
43
DR_CKO
O
SDRAM Clock
45
DR_CKE
O
SDRAM Clock Enable
46
DR_BS_L
O
Bank Selection. Always connect to RAM BS or BS0 pin.
47
M_AP_OE
O
Memory Auto Pre-charge. Always connect to RAM AP pin.
Table 10. SDRAM Interface
Pin
Signal Name
Type
Description
3, 4, 5, 6,
7, 8,
9, 10,
11, 13,
15, 20, 21, 22,
23, 24
DRAM
Data[15..0]
B
Memory Data Bus.
Table 11. EDO DRAM Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com