Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2 Datasheet(PDF) 7 Page - fujitsu semiconductor

Part # CS2
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS2 Datasheet(HTML) 7 Page - fujitsu semiconductor

Back Button CS2 Datasheet HTML 3Page - fujitsu semiconductor CS2 Datasheet HTML 4Page - fujitsu semiconductor CS2 Datasheet HTML 5Page - fujitsu semiconductor CS2 Datasheet HTML 6Page - fujitsu semiconductor CS2 Datasheet HTML 7Page - fujitsu semiconductor CS2 Datasheet HTML 8Page - fujitsu semiconductor CS2 Datasheet HTML 9Page - fujitsu semiconductor CS2 Datasheet HTML 10Page - fujitsu semiconductor CS2 Datasheet HTML 11Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
7
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
ELECTRICAL CHARACTERISTICS
(Ta =
+25°C, VCC = 12 V, EN1, EN2 = 5 V)
Value
Parameter
Symbol
Pin
No.
Condition
Min
Typ
Max
Unit
Output voltage
VVB
18
VB = 0 A
5.04
5.20
5.36
V
Input stability
LINE
18
VCC = 6 V to 28 V
—
10
100
mV
Load stability
LOAD
18
VB = 0 A to
− 1 mA
—
10
100
mV
Bias Voltage
Block
[VB Reg.]
Short-circuit
output current
IOS
18
VB = 0 V
− 145 − 100
− 75
mA
VTLH
18
VB pin
4.0
4.3
4.6
V
Threshold voltage
VTHL
18
VB pin
3.7
4.0
4.3
V
Under
voltage
Lockout
Protection
Circuit Block
[UVLO]
Hysteresis width
VH
18
VB pin
—
0.3*
—
V
Charge current
ICS
5,8
CS1, CS2 = 0 V
− 1.5
−1.0
− 0.75 µA
Electrical discharge
resistance
RD
3,10
EN1, EN2 = 0 V,
VOUT1, VOUT2
≥ 0.15 V
—
25*
—
Ω
Soft-Start/
Discharge
Block
[Soft Start,
Discharge]
Discharge end
voltage
VVOVTH
3,10
EN1, EN2 = 0 V,
VOUT1, VOUT2 pins
—
0.2*
—
V
tON11
24
FREQ pin GND connection
VCC = 12 V, VOUT1 = 1.5 V
430
538
646
ns
ON time
(Preset value 1)
tON21
13
FREQ pin GND connection
VCC = 12 V, VOUT2 = 1.5V
320
400
480
ns
tON12
24
FREQ pin OPEN
VCC = 12 V, VOUT1 = 1.5 V
210
263
316
ns
ON time
(Preset value 2)
tON22
13
FREQ pin OPEN
VCC = 12 V, VOUT2 = 1.5 V
160
200
240
ns
tON13
24
FREQ pin VB connection
VCC = 12 V, VOUT1 = 1.5 V
130
163
196
ns
ON time
(Preset value 3)
tON23
13
FREQ pin VB connection
VCC = 12 V, VOUT2 = 1.5 V
100
125
150
ns
tONMIN11
24
FREQ pin GND connection
VCC = 12 V, VOUT1 = 0V
—
136
191
ns
Minimum
ON time
(Preset value 1)
tONMIN21
13
FREQ pin GND connection
VCC = 12 V, VOUT2 = 0V
—
103
145
ns
tONMIN12
24
FREQ pin OPEN
VCC = 12 V, VOUT1 = 0V
—
77
108
ns
Minimum
ON time
(Preset value 2)
tONMIN22
13
FREQ pin OPEN
VCC = 12 V, VOUT2 = 0V
—
58
82
ns
tONMIN13
24
FREQ pin VB connection
VCC = 12V, VOUT1 = 0V
—
55
77
ns
Minimum
ON time
(Preset value 3)
tONMIN23
13
FREQ pin VB connection
VCC = 12 V, VOUT2 = 0V
—
43
61
ns
ON/OFF
Time
Generator
Block
[tON
Generator]
Minimum OFF time
tOFFMIN
24, 13
—
—
410
535
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com