Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2 Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # CS2
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS2 Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button CS2 Datasheet HTML 17Page - fujitsu semiconductor CS2 Datasheet HTML 18Page - fujitsu semiconductor CS2 Datasheet HTML 19Page - fujitsu semiconductor CS2 Datasheet HTML 20Page - fujitsu semiconductor CS2 Datasheet HTML 21Page - fujitsu semiconductor CS2 Datasheet HTML 22Page - fujitsu semiconductor CS2 Datasheet HTML 23Page - fujitsu semiconductor CS2 Datasheet HTML 24Page - fujitsu semiconductor CS2 Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
21
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
Enable function table
EN1 pin
EN2 pin
DC/DC converter (CH1)
DC/DC converter (CH2)
L
L
OFF
OFF
H
L
ON
OFF
L
H
OFF
ON
H
H
ON
ON
DC/DC Control mode function table
MODE pin
DC/DC control
GND connection
Automatic PFM/PWM selection mode
OPEN
Automatic PFM/PWM selection mode with PAF function
VB connection
PWM-fixed mode
Switching frequency control function table
FREQ pin
Switching frequency
GND connection
fOSC1
230 kHz, fOSC2
310 kHz
OPEN
fOSC1
460 kHz, fOSC2
620 kHz
VB connection
fOSC1
750 kHz, fOSC2
1000 kHz
Protection function table
The following table shows the state of the VB pin (pin 18), the DRVH1 pin (pin 24), the DRVH2 pin (pin
13), the DRVL1 pin (pin 22), the DRVL2 pin (pin 15) when each protection function operates.
Output of each pin
after detection
Protection
function
Detection condition
VB
DRVH1,
DRVH2
DRVL1,
DRVL2
DC/DC output
dropping operation
Under Voltage
Lockout Protection
(UVLO)
VB < 4.0 V
—
L
L
Natural electric
discharge
Over-current
limitation
(ILIM)
VPGND - VLX1, VLX2 >
VILIM1, VILIM2
5.2 V Switching Switching
The voltage is dropped
by the constant current
Over Voltage
Protection
(OVP)
VFB1, VFB2 >
INTREF1, INTREF2 1.15
(15 µs or higher)
5.2 V
L
H
0 V clamping
Under Voltage
Protection
(UVP)
VFB1, VFB2 >
INTREF1, INTREF2 0.7
(150 µs or higher)
5.2 V
L
L
Electrical discharge by
discharge function
Over Temperature
Protection
(OTP)
Tj > + 150 °C
5.2 V
L
L
Electrical discharge by
discharge function
Enable
(EN)
EN1, EN2: H
→ L
(VOUT1, VOUT2 > 0.2 V)
5.2 V
L
L
Electrical discharge by
discharge function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com