Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2 Datasheet(PDF) 11 Page - fujitsu semiconductor

Part # CS2
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS2 Datasheet(HTML) 11 Page - fujitsu semiconductor

Back Button CS2 Datasheet HTML 7Page - fujitsu semiconductor CS2 Datasheet HTML 8Page - fujitsu semiconductor CS2 Datasheet HTML 9Page - fujitsu semiconductor CS2 Datasheet HTML 10Page - fujitsu semiconductor CS2 Datasheet HTML 11Page - fujitsu semiconductor CS2 Datasheet HTML 12Page - fujitsu semiconductor CS2 Datasheet HTML 13Page - fujitsu semiconductor CS2 Datasheet HTML 14Page - fujitsu semiconductor CS2 Datasheet HTML 15Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
11
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
DRVH1 on time vs. Operating ambient temperature
DRVH2 on time vs. Operating ambient temperature
100
150
200
250
300
350
400
450
500
550
600
650
700
-40 -20
0
+20 +40 +60 +80 +100
VCC=12V
VOUT1=1.5V
FREQ=GND
FREQ=OPEN
FREQ=VB
50
100
150
200
250
300
350
400
450
500
-40 -20
0
+20 +40 +60 +80 +100
VCC=12V
VOUT2=1.5V
FREQ=GND
FREQ=OPEN
FREQ=VB
Operating ambient temperature Ta (°C)
Operating ambient temperature Ta (°C)
DRVH1 minimum on time vs. Input voltage
DRVH2 minimum on time vs. Input voltage
0
50
100
150
200
250
5
1015
202530
FREQ=GND
FREQ=OPEN
FREQ=VB
0
50
100
150
200
5
1015
2025
30
FREQ=GND
FREQ=OPEN
FREQ=VB
Input voltage VIN (V)
Input voltage VIN (V)
DRVH1 minimum on time vs.
Operating ambient temperature
DRVH2 minimum on time vs.
Operating ambient temperature
40
60
80
100
120
140
160
180
-40 -20
0
+20 +40 +60 +80 +100
VCC=12V
VOUT1= 0 V
FREQ=GND
FREQ=OPEN
FREQ=VB
20
40
60
80
100
120
140
-40 -20
0
+20 +40 +60 +80 +100
VCC=12V
VOUT2=0 V
FREQ=GND
FREQ=OPEN
FREQ=VB
Operating ambient temperature Ta (°C)
Operating ambient temperature Ta (°C)
Ta = + 25°C
Ta = + 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com