Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2 Datasheet(PDF) 16 Page - fujitsu semiconductor

Part # CS2
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS2 Datasheet(HTML) 16 Page - fujitsu semiconductor

Back Button CS2 Datasheet HTML 12Page - fujitsu semiconductor CS2 Datasheet HTML 13Page - fujitsu semiconductor CS2 Datasheet HTML 14Page - fujitsu semiconductor CS2 Datasheet HTML 15Page - fujitsu semiconductor CS2 Datasheet HTML 16Page - fujitsu semiconductor CS2 Datasheet HTML 17Page - fujitsu semiconductor CS2 Datasheet HTML 18Page - fujitsu semiconductor CS2 Datasheet HTML 19Page - fujitsu semiconductor CS2 Datasheet HTML 20Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
16
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
(5) DC/DC converter stop sequence (Discharge, standby)
When the EN1 pin (pin 2) or EN2 pin (pin 11) is set to the “L” level, the output capacitor is discharged
using the discharge FET (RON
25 Ω) in the IC. If the voltage of the VOUT1 pin (pin 3) and VOUT2 pin
(pin 10) is below 0.2 V (Typ) by discharging the output capacitor, the IC stops discharge operation. Further,
if both the EN1 and EN2 pins are set to the “L” level, the IC also stops the output of the VB pin and enters
the standby state after detecting UVLO. The current of the VCC pin (IVCC) is then 10 µA (Max).
<Timing chart>
EN1
UVLO VTHL
VB
CS1
DRVH1
DRVL1
VOUT1
EN2
0.2 V
1.6 V
1.6 V
0.2 V
CS2
DRVH2
DRVL2
VOUT2
(6) Under Voltage Lockout Protection (UVLO)
The under voltage lockout protection (UVLO) protects ICs from malfunction and protects the system from
destruction/deterioration, according to the reasons mentioned below.
Transitional state when the bias voltage (VB) or the reference voltage (VREF) starts.
Momentary decrease
To prevent such a malfunction, this function detects a voltage drop of the VB pin (pin 18) using the
comparator (UVLO Comp.), and stops IC operations.
When the VB pin exceeds the threshold voltage of the under voltage lockout protection circuit, the system
is restored.
CH2 discharge FET ON
CH1 discharge FET ON
Standby



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com