Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2 Datasheet(PDF) 12 Page - fujitsu semiconductor

Part # CS2
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS2 Datasheet(HTML) 12 Page - fujitsu semiconductor

Back Button CS2 Datasheet HTML 8Page - fujitsu semiconductor CS2 Datasheet HTML 9Page - fujitsu semiconductor CS2 Datasheet HTML 10Page - fujitsu semiconductor CS2 Datasheet HTML 11Page - fujitsu semiconductor CS2 Datasheet HTML 12Page - fujitsu semiconductor CS2 Datasheet HTML 13Page - fujitsu semiconductor CS2 Datasheet HTML 14Page - fujitsu semiconductor CS2 Datasheet HTML 15Page - fujitsu semiconductor CS2 Datasheet HTML 16Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
12
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
Minimum off time vs. Input voltage
Minimum off time vs.
Operating ambient temperature
200
250
300
350
400
450
500
550
600
5
1015
202530
200
250
300
350
400
450
500
550
600
-40 -20
0
+20 +40 +60 +80 +100
VCC=12V
Input voltage VIN (V)
Operating ambient temperature Ta (°C)
Dead time vs. Operating ambient temperature
Bootstrap diode IF vs. VF
20
25
30
35
40
45
50
55
60
-40 -20
0
+20 +40 +60 +80 +100
LX=0V
VBST=VB
tD1
tD2
0.001
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
Operating ambient temperature Ta (°C)
VF voltage VF (V)
tD1 : Period from DRVL off to DRVH on
tD2 : Period from DRVH off to DRVL on
Ta = - 30°C
Ta =+25°C
Ta =+ 85°C
Ta = + 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com