Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # CS2
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS2 Datasheet(HTML) 3 Page - fujitsu semiconductor

  CS2 Datasheet HTML 1Page - fujitsu semiconductor CS2 Datasheet HTML 2Page - fujitsu semiconductor CS2 Datasheet HTML 3Page - fujitsu semiconductor CS2 Datasheet HTML 4Page - fujitsu semiconductor CS2 Datasheet HTML 5Page - fujitsu semiconductor CS2 Datasheet HTML 6Page - fujitsu semiconductor CS2 Datasheet HTML 7Page - fujitsu semiconductor CS2 Datasheet HTML 8Page - fujitsu semiconductor CS2 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
3
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
PIN DESCRIPTIONS
Pin No.
Pin Name
I/O
Description
1
BST1
—
CH1 boost capacitor connection pin.
2
EN1
I
CH1 enable pin.
3
VOUT1
I
CH1 input pin for DC/DC output voltage.
4
FB1
I
CH1 input pin for feedback voltage.
5
CS1
I
CH1 soft-start time setting capacitor connection pin.
6
GND
—
Ground pin.
7
FREQ
I
Frequency switching signal input pin.
FREQ : GND Short
Switching frequency
310 kHz
FREQ : Open
Switching frequency
620 kHz
FREQ : VB Short
Switching frequency
1 MHz
8
CS2
I
CH2 soft-start time setting capacitor connection pin.
9
FB2
I
CH2 input pin for feedback voltage.
10
VOUT2
I
CH2 input pin for DC/DC output voltage.
11
EN2
I
CH2 enable pin.
12
BST2
—
CH2 boost capacitor connection pin.
13
DRVH2
O
CH2 output pin for external high-side FET gate drive.
14
LX2
—
CH2 inductor and external high-side FET source connection pin.
15
DRVL2
—
CH2 output pin for external low-side FET gate drive.
16
ILIM2
I
CH2 over current detection level setting voltage input pin.
17
MODE
I
DC/DC control mode switching signal input pin.
MODE : GND Short
PFM/PWM
MODE : Open
PFM/PWM, PAF
MODE : VB Short
PWM fixed
18
VB
O
Internal circuit bias output pin.
19
VCC
I
Power input pin for control and output circuits.
20
ILIM1
I
CH1 over current detection level setting voltage input pin.
21
PGND
—
Ground pin for output circuit.
22
DRVL1
O
CH1 output pin for external low-side FET gate drive.
23
LX1
—
CH1 inductor and external high-side FET source connection pin.
24
DRVH1
O
CH1 output pin for external high-side FET gate drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com