Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2 Datasheet(PDF) 27 Page - fujitsu semiconductor

Part # CS2
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS2 Datasheet(HTML) 27 Page - fujitsu semiconductor

Back Button CS2 Datasheet HTML 23Page - fujitsu semiconductor CS2 Datasheet HTML 24Page - fujitsu semiconductor CS2 Datasheet HTML 25Page - fujitsu semiconductor CS2 Datasheet HTML 26Page - fujitsu semiconductor CS2 Datasheet HTML 27Page - fujitsu semiconductor CS2 Datasheet HTML 28Page - fujitsu semiconductor CS2 Datasheet HTML 29Page - fujitsu semiconductor CS2 Datasheet HTML 30Page - fujitsu semiconductor CS2 Datasheet HTML 31Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
27
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
Minimum power supply voltage
The maximum on duty is limited by "the minimum off time (tOFFMIN) that an IC holds without fail as a fixed
value" and "the on time (tON) determined by the power voltage value and the output voltage setting value".
The ratio between the output voltage and the power voltage must be less than the maximum on duty.
The minimum power supply voltage that is required to sustain the output voltage can be calculated by the
following formula.
(VOUT + IOUT_MAX
(RDC + RON_Main))
VOUT
VIN_MIN =
VOUT − (VOUT + IOUT_MAX
(RDC + RON_Sync))
tOFF_MIN
fOSC 1.2
VIN_MIN
: Power supply voltage [V]
VOUT
: Output setting voltage [V]
IOUT_MAX : Maximum load current value [A]
RON_Main : ON resistance of high-side FET [Ω]
RON_Sync : ON resistance of low-side FET [Ω]
RDC
: Series resistance of inductor [Ω]
fOSC
: Switching frequency setting value [Hz]
tOFF_MIN
: Minimum off time (Maximum value) [s]
(For the minimum off time, see “ON/OFF Time [Minimum OFF time ] ” in
“ ELECTRICAL CHARACTERISTICS”.)
Use the smaller switching frequency setting in order to make the voltage output possible with the lower
power voltage.
Slope voltages
It is necessary to sustain the Slope voltage 15 mV or higher in order to obtain the stable switching cycle.
The Slope voltage can be calculated by the following formula.
(VIN − VOUT)
VOUT
RON_Sync
VSlope =
L
VIN
fOSC
VSlope
: Slope voltage [V]
VIN
: Power supply voltage [V]
VOUT
: Output setting voltage [V]
fOSC
: Switching frequency [Hz]
RON_Sync : ON resistance of low-side FET [Ω]
L
: Inductor value [H]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com