Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2 Datasheet(PDF) 28 Page - fujitsu semiconductor

Part # CS2
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS2 Datasheet(HTML) 28 Page - fujitsu semiconductor

Back Button CS2 Datasheet HTML 24Page - fujitsu semiconductor CS2 Datasheet HTML 25Page - fujitsu semiconductor CS2 Datasheet HTML 26Page - fujitsu semiconductor CS2 Datasheet HTML 27Page - fujitsu semiconductor CS2 Datasheet HTML 28Page - fujitsu semiconductor CS2 Datasheet HTML 29Page - fujitsu semiconductor CS2 Datasheet HTML 30Page - fujitsu semiconductor CS2 Datasheet HTML 31Page - fujitsu semiconductor CS2 Datasheet HTML 32Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
28
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
Setting soft-start time
Calculate the soft-start time by the following formula.
ts = 7
105
CCS
ts
: Soft-start time [s] (time until output reaches 100%)
CCS : CS pin capacitor value [F]
Calculate the delay time until the soft-start activation by the following formula.
td = 43
CVB
td
: VB voltage delay time (at VIN = 12 V) [s]
CVB : VB pin capacitor value [F]
When activating the other in the state where a side channel has already been activated (UVLO release: VB
output already), the delay time is hardly generated.
ts1
td
ts2
EN1
EN2
VOUT1
VOUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com