Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2 Datasheet(PDF) 18 Page - fujitsu semiconductor

Part # CS2
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS2 Datasheet(HTML) 18 Page - fujitsu semiconductor

Back Button CS2 Datasheet HTML 14Page - fujitsu semiconductor CS2 Datasheet HTML 15Page - fujitsu semiconductor CS2 Datasheet HTML 16Page - fujitsu semiconductor CS2 Datasheet HTML 17Page - fujitsu semiconductor CS2 Datasheet HTML 18Page - fujitsu semiconductor CS2 Datasheet HTML 19Page - fujitsu semiconductor CS2 Datasheet HTML 20Page - fujitsu semiconductor CS2 Datasheet HTML 21Page - fujitsu semiconductor CS2 Datasheet HTML 22Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
18
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
(8) Over Voltage Protection (OVP)
This function stops the output voltage when the output voltage has increased, and protects devices
connected to the output.
1. Using OVP Comp, this function makes a comparison between the voltage which is 1.15 times (Typ) of
the internal reference voltage INTREF1 and INTREF2 (0.7 V), and the feedback voltage for the FB1
pin (pin 4) and the FB2 pin (pin 9).
2. If the feedback voltage mentioned in 1 detects the higher state by 15µs (Typ) or more, the operations
below will be performed.
Set the RS latch.
Set the DRVH1 pin (pin 24) and the DRVH2 pin (pin 13) to the “L” level.
Set the DRVL1 pin (pin 22) and the DRVL2 pin (pin 15) to the “H” level.
These operations fix the high-side FET to the off state and the low-side FET to the on state for both
channels of the DC/DC converter, and stops switching (latch stop).The over-voltage protection state can be
cancelled by setting both the EN1pin (pin 2) and EN2 pin (pin 11) to the “L” level or reducing the VCC
power once until the bias voltage (VB) falls below VTHL of UVLO.
<Timing chart>
VOUT1
FB1
0 V
0 V
0 V
0V
INTREF
INTREF
DRVH1
DRVL1
CS1
VOUT2
FB2
DRVH2
DRVL2
CS2
EN1, EN2
VB
UVLO VTHL
15 µs
Output voltage
setting value
Output voltage
setting value
Standby
Less than 15 µs
Cancellation of over-voltage protection
state by EN = "L".
INTREF 1.15
INTREF 1.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com