Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2 Datasheet(PDF) 32 Page - fujitsu semiconductor

Part # CS2
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS2 Datasheet(HTML) 32 Page - fujitsu semiconductor

Back Button CS2 Datasheet HTML 28Page - fujitsu semiconductor CS2 Datasheet HTML 29Page - fujitsu semiconductor CS2 Datasheet HTML 30Page - fujitsu semiconductor CS2 Datasheet HTML 31Page - fujitsu semiconductor CS2 Datasheet HTML 32Page - fujitsu semiconductor CS2 Datasheet HTML 33Page - fujitsu semiconductor CS2 Datasheet HTML 34Page - fujitsu semiconductor CS2 Datasheet HTML 35Page - fujitsu semiconductor CS2 Datasheet HTML 36Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
32
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
2. Selecting parts
Selection of smoothing inductor
The inductor value selects the value that the ripple current peak-to-peak value of the inductor is 50% or less
of the maximum load current as a rough standard. Calculate the inductor value in this case by the following
formula.
VIN −VOUT
VOUT
L ≥
LOR
IOUT_MAX
VIN fOSC
L
: Inductor value [H]
IOUT_MAX
: Maximum load current [A]
LOR
: Ripple current peak-to-peak value of inductor/Maximum load current ratio (= 0.5)
VIN
: Power supply voltage [V]
VOUT
: Output setting voltage [V]
fOSC
: Switching frequency [Hz]
It is necessary to calculate the maximum current value that flows to the inductor to judge whether the
electric current that flows to the inductor is a rated value or less. Calculate the maximum current value of
the inductor by the following formula.
ΔIL
ILMAX ≥ IOUT_MAX +
2
ILMAX
: Maximum current value of inductor [A]
IOUT_MAX : Maximum load current [A]
ΔIL
: Ripple current peak-to-peak value of inductor [A]
L
: Inductor value [H]
VIN
: Power supply voltage [V]
VOUT
: Output setting voltage [V]
fOSC
: Switching frequency [Hz]
IOUT_MAX
ILMAX
0
Inductor current
Time
ΔIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com