Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WTS701MM/T Datasheet(PDF) 39 Page - Winbond

Part # WTS701MM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MM/T Datasheet(HTML) 39 Page - Winbond

Back Button WTS701MM/T Datasheet HTML 35Page - Winbond WTS701MM/T Datasheet HTML 36Page - Winbond WTS701MM/T Datasheet HTML 37Page - Winbond WTS701MM/T Datasheet HTML 38Page - Winbond WTS701MM/T Datasheet HTML 39Page - Winbond WTS701MM/T Datasheet HTML 40Page - Winbond WTS701MM/T Datasheet HTML 41Page - Winbond WTS701MM/T Datasheet HTML 42Page - Winbond WTS701MM/T Datasheet HTML 43Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 39 -
Revision 3.09
COD Register
MD2
CODEC enable, possible modes are:
0b: CODEC disabled.
1b: CODEC enabled during conversion.
MD1
CODEC precision, possible modes are:
0b: 13 bit linear PCM output
1b: 16 bit linear PCM output.
MD0
CODEC output format, possible modes are:
0b: unsigned PCM output
1b: 2’s complement PCM output.
AUD Register
AOPU
1b: Power up the analog output buffer.
SPPU
1b: Power up the analog speaker driver.
SPG
Speaker Driver gain selection.
0b: 8
Ω Speaker. Av = 1.32
1b: 100
Ω Speaker. Av = 1.6
FDTH
1b: Enable feed-through path from AUXIN to AUXOUT.
AIG1..0
AUXIN gain setting
00b – 0dB
01b – 3dB
10b – 6dB
11b – 9dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com