Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WTS701MM/T Datasheet(PDF) 3 Page - Winbond

Part # WTS701MM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MM/T Datasheet(HTML) 3 Page - Winbond

  WTS701MM/T Datasheet HTML 1Page - Winbond WTS701MM/T Datasheet HTML 2Page - Winbond WTS701MM/T Datasheet HTML 3Page - Winbond WTS701MM/T Datasheet HTML 4Page - Winbond WTS701MM/T Datasheet HTML 5Page - Winbond WTS701MM/T Datasheet HTML 6Page - Winbond WTS701MM/T Datasheet HTML 7Page - Winbond WTS701MM/T Datasheet HTML 8Page - Winbond WTS701MM/T Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 3 -
Revision 3.09
2. FEATURES
•
Fully Integrated Solution
Single-chip compact text-to-speech translation
No algorithm development required
Selectable digital and analog audio output
Simple SPI interface
Reprogrammable solution enables loading different voice or language
•
Text-To-Speech Algorithm Characteristics
High quality speech synthesis using speech element concatenation
Winbond’s standard 100-year speech retention
Audio stored as uncompressed analog waveform – industry’s highest quality and most natural sounding
•
Easy to Use and Control
Real time conversion for streaming text
General text preprocessing and normalization
User customization for special characters such as SMS icons and chat emoticons
User customization for application specific abbreviations
•
Language Support
Support U.S. English and Mandarin (Beijing dialect)
Other languages in development or in planning
•
Device Management
Accepts ASCII, Unicode or Big5 streaming text
256-byte text buffer
Playback of Phonetic Alphabet
Variable speed playback
Control of pitch change
Supports Power Down mode.
Supports Pause and Resume, Stop and Finish text conversion commands
Embedded characters support to control speed, volume, case sensitivity, and silent behavior
•
Peripheral Control
16-bit linear PCM slave interface output support
SPI serial port for control commands and status report to system’s host controller
Hardware handshake control signals
Analog audio output with 8
Ω speaker driver, digital volume control and line level o/p
Analog audio input (AUXIN) for driving external audio to the speaker
•
Low Power Consumption
+2.7 to +3.3V (VCC) Supply Voltage
Operating Current:
ICC Convert = 35 mA (typical)
Standby Current:
ISB < 1µA (typical)
•
Device Characteristics
Available in 56-lead TSOP package
Industrial temperature range (-40C to +85C)
3V/5V logic tolerance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com