Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WTS701MM/T Datasheet(PDF) 73 Page - Winbond

Part # WTS701MM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MM/T Datasheet(HTML) 73 Page - Winbond

Back Button WTS701MM/T Datasheet HTML 69Page - Winbond WTS701MM/T Datasheet HTML 70Page - Winbond WTS701MM/T Datasheet HTML 71Page - Winbond WTS701MM/T Datasheet HTML 72Page - Winbond WTS701MM/T Datasheet HTML 73Page - Winbond WTS701MM/T Datasheet HTML 74Page - Winbond WTS701MM/T Datasheet HTML 75Page - Winbond WTS701MM/T Datasheet HTML 76Page - Winbond WTS701MM/T Datasheet HTML 77Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 73 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 73 -
Revision 3.09
Table 22. AUXOUT Parameters.
PARAMETER
SYMBOL
TEST CONDITIONS
SPEC
UNIT
MIN.
TYP.
MAX.
AUXOUT – Maximum
Output Swing
VANAIUT
5k
Ω Load (AC Coupled)
1.0
V
Minimum Load
Impedance
RL
5
k
Ω
Maximum Load
Capacitance
CL
100
pF
AUXOUT
VBIAS
1.2
VDC
Table 23. Volume Control Parameters.
PARAMETER
SYMBOL
TEST CONDITIONS
SPEC
UNIT
MIN.
TYP.
MAX.
Output Gain
AOUT
8 steps of 4 dB, referenced
to output
-28 to
0
dB
Absolute Gain
AUXIN 1.0 kHz 0TLP, 6 dB
gain
setting
measured
differentially at SP+/-
-0.5
+0.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com