Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WTS701MM/T Datasheet(PDF) 40 Page - Winbond

Part # WTS701MM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MM/T Datasheet(HTML) 40 Page - Winbond

Back Button WTS701MM/T Datasheet HTML 36Page - Winbond WTS701MM/T Datasheet HTML 37Page - Winbond WTS701MM/T Datasheet HTML 38Page - Winbond WTS701MM/T Datasheet HTML 39Page - Winbond WTS701MM/T Datasheet HTML 40Page - Winbond WTS701MM/T Datasheet HTML 41Page - Winbond WTS701MM/T Datasheet HTML 42Page - Winbond WTS701MM/T Datasheet HTML 43Page - Winbond WTS701MM/T Datasheet HTML 44Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 77 page
background image
WTS701
- 40 -
VOL Register
VL2..0
Volume level of output.
000 – 0dB
001 – -4dB
010 – -8dB
011 – -12dB
100 – -16dB
101 – -20dB
110 – -24dB
111 – -28dB
Each step gives a 4dB attenuation of output.
CLC Register
CLC4..0
Configure the device for different master clock frequencies.
0x00
24.576 MHz
0x10
16.384 MHz
0x08
32.768 MHz
(The only clock frequency currently recommended for operation is 24.576MHz.)
SPD Register
SPD2..0
Configure the speech speed register. 0x04 is the fastest speed and 0x00 is the
slowest.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com