Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WTS701MM/T Datasheet(PDF) 56 Page - Winbond

Part # WTS701MM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MM/T Datasheet(HTML) 56 Page - Winbond

Back Button WTS701MM/T Datasheet HTML 52Page - Winbond WTS701MM/T Datasheet HTML 53Page - Winbond WTS701MM/T Datasheet HTML 54Page - Winbond WTS701MM/T Datasheet HTML 55Page - Winbond WTS701MM/T Datasheet HTML 56Page - Winbond WTS701MM/T Datasheet HTML 57Page - Winbond WTS701MM/T Datasheet HTML 58Page - Winbond WTS701MM/T Datasheet HTML 59Page - Winbond WTS701MM/T Datasheet HTML 60Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 77 page
background image
WTS701
- 56 -
7.8 CUSTOMIZING ABBREVIATIONS
The WTS701 has support for entering and using custom abbreviations in addition to the general
abbreviation table supported internally by the WTS701. There are 2K bytes of flash memory reserved
for this purpose. After the WTS701 internal software has been initially programmed, this entire area is
free and available for custom abbreviations.
The commands associated with custom abbreviations are:
Command
Command
Byte
Command
Data Byte
ABBR_ADD
0xaf
0x00
+
abbreviation
data.
Adds a new abbreviation to the
abbreviation table in the WTS701
See next page for the format of
the abbreviation data.
ABBR_DEL
0x83
0x00+
abbreviation
data.
Deletes an existing abbreviation
from the abbreviation table in the
WTS701. See next page for the
format of the abbreviation data.
ABBR_NUM
0xc8
0x00 + 0x00
+ 0x00.
Returns
the
number
of
abbreviation currently active in the
abbreviation table of the WTS701.
ABBR_MEM
0xc7
0x00 + 0x00
+ 0x00.
Returns the number of free bytes
in the abbreviation table of the
WTS701.
ABBR_RD
0xc9
0x00 + 2048
0x00s.
Returns the abbreviation table
contents from the WTS701. See
next page for the format of the
abbreviation table data.
ENTER_RRSM
0x0c
0x00
Causes the xdata and code store
memory to swap spaces. The
WTS701 begins to execute code
previously stored into xdata after
this command.
7.8.1 Abbreviation Data Format
The format of the abbreviation data that is sent with the ABBR_ADD and ABBR_DEL commands is:
XXX + “,” + YYYY + “;”.
XXX - the abbreviation characters.
“,” – comma.
YYYY – abbreviation text.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com