Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WTS701MM/T Datasheet(PDF) 24 Page - Winbond

Part # WTS701MM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MM/T Datasheet(HTML) 24 Page - Winbond

Back Button WTS701MM/T Datasheet HTML 20Page - Winbond WTS701MM/T Datasheet HTML 21Page - Winbond WTS701MM/T Datasheet HTML 22Page - Winbond WTS701MM/T Datasheet HTML 23Page - Winbond WTS701MM/T Datasheet HTML 24Page - Winbond WTS701MM/T Datasheet HTML 25Page - Winbond WTS701MM/T Datasheet HTML 26Page - Winbond WTS701MM/T Datasheet HTML 27Page - Winbond WTS701MM/T Datasheet HTML 28Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 77 page
background image
WTS701
- 24 -
Status Commands
Table 5. Status Opcodes.
The WTS701 has three read-only
registers accessed by the opcodes,
which are shown to the right.
•
The Read Status Register
returns the device’s
operational status and the
numbers of bytes that have been converted.
•
The Read Interrupt Register returns the same status data and clears any of the interrupt
status bits that are set.
•
The Version Register returns the hardware and firmware version of the chip.
System Commands
Table 6. System Opcodes.
The WTS701 responds to various
system commands that change the
state of the system, namely:
•
The Power Up command
wakes up the device from
POWER DOWN mode.
•
The Power Down
command requests that the device enter the POWER DOWN mode.
•
The Reset command resets the device (see subsection 7.4.4).
•
The Idle command puts WTS701 processor in IDLE mode
Opcode
Mnemonic
Function
0x04
RDST
Read Status Register
0x06
RINT
Read Interrupt Register
0x12
RVER
Device Version
Opcode
Mnemonic
Function
0x02
PWUP
Power Up
0x40
PWDN
Power Down
0x10
RST
Reset
0x57
IDLE
Go Idle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com