Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WTS701MM/T Datasheet(PDF) 16 Page - Winbond

Part # WTS701MM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MM/T Datasheet(HTML) 16 Page - Winbond

Back Button WTS701MM/T Datasheet HTML 12Page - Winbond WTS701MM/T Datasheet HTML 13Page - Winbond WTS701MM/T Datasheet HTML 14Page - Winbond WTS701MM/T Datasheet HTML 15Page - Winbond WTS701MM/T Datasheet HTML 16Page - Winbond WTS701MM/T Datasheet HTML 17Page - Winbond WTS701MM/T Datasheet HTML 18Page - Winbond WTS701MM/T Datasheet HTML 19Page - Winbond WTS701MM/T Datasheet HTML 20Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
WTS701
- 16 -
7.2.5 Flow Control Interface
In addition to the SPI interface, the WTS701 has two control lines to facilitate data transfer and host
communications. The INT
(interrupt) pin is used by the WTS701 to request an interrupt service
from the host controller. The interrupt types that the device generates are controlled by the
communications control register command (SCOM). The R/ B (ready/busy) pin is used to control the
flow of data across the SPI bus. When this signal is HIGH, the device can accept more data. When it
is LOW, SPI transactions must be paused or terminated.
INT
(Interrupt)
INT
is an open drain output pin. The WTS701 interrupt pin goes LOW and stays LOW when an
interrupt event has occurred, as defined by the SCOM command. The interrupt is cleared when a
RINT (read interrupt) command is executed. The status register defines what type of interrupt has
occurred.
R/ B (Ready/Busy Signal)
The R/ B line is an output open drain pin used to control data transfer rate across the SPI port. The
line is used as a handshake signal to the SPI Master to indicate when the device is ready for more
data. When HIGH, the master is free to send more data. When LOW, the device is busy and cannot
accept more data.
7.2.6 The CODEC Interface
The WTS701 provides an on chip interface for digital environment systems, supporting slave CODEC
interface mode. The WTS701 CODEC interface is controlled by an external source hence the
WTS701 only transmits data. Thus, it is effectively an analog-to-digital converter. Each analog sample
is converted to 10 bit digital word. This digital word is transmitted with the MSB first. Since the host
expects either 13 or 16 bit data in the short frame format, either three or six zeros are appended as
the LSB. It interfaces to the baseband CODEC via the VCLK, VFS and VDX lines. Refer to Figure 2,
for more information about the connection between the WTS701 and a CODEC.
All Input pins are 3V and 5V tolerant.
The following is a description of the WTS701 CODEC interface signals:
VCLK (CODEC Clock Line)
The CODEC clock line supplies the sampling clock to the internal CODEC. This is a digital input and
expects a 512kHz—2.048MHz clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com