Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WTS701MM/T Datasheet(PDF) 67 Page - Winbond

Part # WTS701MM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MM/T Datasheet(HTML) 67 Page - Winbond

Back Button WTS701MM/T Datasheet HTML 63Page - Winbond WTS701MM/T Datasheet HTML 64Page - Winbond WTS701MM/T Datasheet HTML 65Page - Winbond WTS701MM/T Datasheet HTML 66Page - Winbond WTS701MM/T Datasheet HTML 67Page - Winbond WTS701MM/T Datasheet HTML 68Page - Winbond WTS701MM/T Datasheet HTML 69Page - Winbond WTS701MM/T Datasheet HTML 70Page - Winbond WTS701MM/T Datasheet HTML 71Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 67 -
Revision 3.09
Table 16. SPI Timing Parameters (see Figure 20 and Figure21)
Symbol
Parameters
Min
Typ
(7)
Max
Units Conditions
TSSS
SS
Setup Time
100
ns
TSSH
SS
Hold Time
100
ns
TDIS
Data in Setup Time
50
ns
TDIH
Data in Hold Time
50
ns
TPD
Output Delay
100
ns
TDF
Output Delay to hiZ
100
ns
TSSmin
SS
High
200
ns
TSCKhi
SCLK High Time
80
ns
TSCKlow
SCLK Low Time
80
ns
Trbd
Delay SCLK Hi to R/
B low
80
ns
Trblow
R/ B low time
0
ms
Trbh
SCLK hold time from R/ B\
High
0
FO
CLK Frequency
5000
kHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com