Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WTS701MM/T Datasheet(PDF) 72 Page - Winbond

Part # WTS701MM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MM/T Datasheet(HTML) 72 Page - Winbond

Back Button WTS701MM/T Datasheet HTML 68Page - Winbond WTS701MM/T Datasheet HTML 69Page - Winbond WTS701MM/T Datasheet HTML 70Page - Winbond WTS701MM/T Datasheet HTML 71Page - Winbond WTS701MM/T Datasheet HTML 72Page - Winbond WTS701MM/T Datasheet HTML 73Page - Winbond WTS701MM/T Datasheet HTML 74Page - Winbond WTS701MM/T Datasheet HTML 75Page - Winbond WTS701MM/T Datasheet HTML 76Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 77 page
background image
WTS701
- 72 -
Table 21. Speaker Driver Specifications.
PARAMETER
SYMBOL
TEST CONDITIONS
SPEC
UNIT
MIN.
TYP.
MAX.
SP+/- Output Voltage
(HIGH Gain Setting)
VSPHG
Peak-to-Peak,
differential
load = 150
Ω
3.6
V
SP+/- Output Load Imp.
(LOW Gain)
RSPLG
8
Ω
SP+/- Output Load Imp.
(HIGH Gain)
RSPHG
70
150
Ω
SP+/-
Output
Load
Cap.
CS P
100
pF
SP+/-
Output
Bias
Voltage
(Analog
Ground)
VSPAG
1.2
VDC
Speaker
Output
DC
Offset
VSPDCO
With AUXIN to Speaker,
AUXIN AC coupled to VSSA
100
mVDC
Power Supply Rejection
Ratio
PSRR
Measured with a 1 kHz,
100 ma sine wave input at
VCC and VCC pins
-55
dB
Frequency
Response
(300-3400 Hz)
FR
With 0TLP input to AUX IN,
6 dB setting
(12)
-0.25
+0.25
dB
Power Output (LOW
Gain Setting)
PUTLOG
Differential load at 8
Ω
23.5
mWRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com