Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WTS701MM/T Datasheet(PDF) 17 Page - Winbond

Part # WTS701MM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MM/T Datasheet(HTML) 17 Page - Winbond

Back Button WTS701MM/T Datasheet HTML 13Page - Winbond WTS701MM/T Datasheet HTML 14Page - Winbond WTS701MM/T Datasheet HTML 15Page - Winbond WTS701MM/T Datasheet HTML 16Page - Winbond WTS701MM/T Datasheet HTML 17Page - Winbond WTS701MM/T Datasheet HTML 18Page - Winbond WTS701MM/T Datasheet HTML 19Page - Winbond WTS701MM/T Datasheet HTML 20Page - Winbond WTS701MM/T Datasheet HTML 21Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 17 -
Revision 3.09
VFS (CODEC Synchronization Line)
The CODEC synchronization line supplies a frame synchronization signal to the internal CODEC. This
is a digital input. After receipt of a synchronization pulse, the CODEC will output data on the VDX line.
The VFS line expects an 8kHz sample rate and supports both short frame and long frame
synchronization signal.
VDX (CODEC Data Transmit Line)
The CODEC data transmit line is a digital output that places digital audio data onto the CODEC bus.
The line is in a tri-state condition until the device is due to transmit data. The data output from the VDX
line is selected by the SCOD Command. When WTS701 places data on the VDX line, it is required
that the VFS line should be in tri-state condition when another device is connected to the CODEC as
well.
7.2.7 The Analog Interface
The WTS701 provides an on-chip analog interface for audio output via an 8
Ω speaker driver or an
output buffer capable of driving a 5k
Ω load. Additionally, an analog input (AUXIN) allows an audio
signal to be fed through the WTS701 chip to either output device. The command SAUD configures the
analog path. A digitally controlled attenuator provides volume control via the SVOL command.
The following is a description of the analog pins:
AUXIN (Analog Input)
The AUXIN is an additional audio input to the WTS701. This input has a nominal 694 mV p-p level at
its minimum gain setting (0 dB) (See Table 2). Additional gain is available in 3 dB steps (controlled by
the SAUD Command) up to 9 dB. The use and equivalent circuit of the input amplifier is shown in
Figure 7. (Must be AC coupled)
Ra
Internal to the device
Rb
C
COUP
=
0.1 µF
1
2
π
R
aCCOUP
NOTE:
fCUTOFF=
Figure 7. AUXIN Input Amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com