Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF60 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF60
Description  LMF60 High Performance 6th-Order Switched Capacitor Butterworth Lowpass Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF60 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMF60 Datasheet HTML 1Page - National Semiconductor (TI) LMF60 Datasheet HTML 2Page - National Semiconductor (TI) LMF60 Datasheet HTML 3Page - National Semiconductor (TI) LMF60 Datasheet HTML 4Page - National Semiconductor (TI) LMF60 Datasheet HTML 5Page - National Semiconductor (TI) LMF60 Datasheet HTML 6Page - National Semiconductor (TI) LMF60 Datasheet HTML 7Page - National Semiconductor (TI) LMF60 Datasheet HTML 8Page - National Semiconductor (TI) LMF60 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Filter Electrical Characteristics (Continued)
The following specifications apply for fCLK e 250 kHz (Note 7) unless otherwise specified Boldface limits apply for TA e TJ
e
TMIN to TMAX all other limits TA e TJ e 25 C
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 8)
(Note 9)
(Limits)
V
a ea25V Vb eb25V
fCLK
Clock Frequency Range
5
Hz (Min)
(Note 16)
750
kHz (Max)
IS
Total Supply Current
50
65
mA (Max)
Clock Feedthrough
VIN e 0V
Filter
6
mV
(Peak to Peak)
Opamp
3
mV
Ho
DC Gain (with
fCLK e 250 kHz
010
010
dB (Max)
RSource s 2kX)
b
026
b
030
dB (Min)
fCLK e 500 kHz
b
008
dB
fCLK fC
Clock to
LMF60-50
fCLK e 250 kHz
4900 g08%
4900 g10%
(Max)
Cutoff
fCLK e 500 kHz
4900 g06%
Frequency
LMF60-100
fCLK e 250 kHz
9810 g08%
9810 g10%
(Max)
Ratio
(Note 10)
fCLK e 500 kHz
9810 g06%
Temperature Coefficient
4
ppm C
of fCLK fC
AMIN
Stopband Attenuation
At 2 c fC
36
dB (Min)
VOS
DC Offset
LMF60-50
g
60
mV (Max)
Voltage
LMF60-100
g
90
mV (Max)
VOUT
Output Voltage
RL e 5kX
a
14
a
12
V (Min)
Swing (Note 2)
b
20
b
18
V (Max)
ISC
Output Short Circuit
Source
42
mA
Current (Note 11)
Sink
09
mA
Dynamic Range
81
dB
(Note 12)
Additional
LMF60-50
fIN e 6 kHz
b
945 g046
b
945 g050
dB
Magnitude
fIN e 45 kHz
b
087 g016
b
087 g020
dB
Response
LMF60-100
fIN e 3 kHz
b
930 g046
b
930 g050
dB
Test Points
(Note 13)
fIN e 225 kHz
b
087 g016
b
087 g020
dB
http
www nationalcom
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com