Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF60 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF60
Description  LMF60 High Performance 6th-Order Switched Capacitor Butterworth Lowpass Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF60 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMF60 Datasheet HTML 9Page - National Semiconductor (TI) LMF60 Datasheet HTML 10Page - National Semiconductor (TI) LMF60 Datasheet HTML 11Page - National Semiconductor (TI) LMF60 Datasheet HTML 12Page - National Semiconductor (TI) LMF60 Datasheet HTML 13Page - National Semiconductor (TI) LMF60 Datasheet HTML 14Page - National Semiconductor (TI) LMF60 Datasheet HTML 15Page - National Semiconductor (TI) LMF60 Datasheet HTML 16Page - National Semiconductor (TI) LMF60 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
10 LMF60 Application Hints (Continued)
TLH9294 – 13
TLH9294 – 14
FIGURE 5 VOS Adjust Schemes
13 OFFSET ADJUST
The VOSADJ pin is used in adjusting the output offset level
of the filter section If this pin is not used it must be tied to
the analog ground (AGND) level either mid-supply for single
ended supply operation or ground for split supply operation
This pin sets the zero reference for the output of the filter
The implementation of this pin can be seen in
Figure 5 In
5(a) DC offset is adjusted using a potentiometer in 5(b) the
Op-Amp integrator circuit keeps the average DC output lev-
el at AGND The circuit in
5(b) is therefore appropriate only
for AC-coupled signals and signals biased at AGND
14 INPUT IMPEDANCE
The LMF60 lowpass filter input (FILTER IN pin) is not a high
impedance buffer input This input is a switched capacitor
resistor equivalent and its effective impedance is inversely
proportional to the clock frequency The equivalent circuit of
the input to the filter can be seen in
Figure 6 The input
capacitor charges to the input voltage (VIN) during one half
of the clock period during the second half the charge is
transferred to the feedback capacitor The total transfer of
charge in one clock cycle is therefore Q e CINVIN and
since current is defined as the flow of charge per unit time
the average input current becomes
IIN e QT
(where T equals one clock period) or
IIN e
CINVIN
T
e
CINVINfCLK
The equivalent input resistor (RIN) then can be defined as
RIN e VIN IIN e
1
CINfCLK
The input capacitor is 2 pF for the LMF60-50 and 1 pF for
the LMF60-100 so for the LMF60-100
RIN e
1 c 1012
fCLK
e
1 c 1012
fC c 100
e
1 c 1010
fC
and
RIN e
5 c 1011
fCLK
e
5 c 1011
fC c 50
e
1 c 1010
fC
for the LMF60-50 As shown in the above equations for a
given cutoff frequency (fC) the input impedance remains the
same for the LMF60-50 and the LMF60-100 The higher the
clock to cutoff frequency ratio the greater equivalent input
resistance for a given clock frequency As the cutoff fre-
quency increases the equivalent input impedance decreas-
es This input resistance will form a voltage divider with the
source impedance (RSOURCE) Since RIN is inversely pro-
portional to the cutoff frequency operation at higher cutoff
frequencies will be more likely to load the input signal which
would appear as an overall decrease in gain at the output of
the filter Since the filter’s ideal gain is unity its overall gain
is given by
AV e
RIN
RIN a RSOURCE
TLH9294 – 15
a) Equivalent Circuit for LMF60 Filter Input
TLH9294 – 16
b) Actual Circuit for LMF60 Filter Input
FIGURE 6 LMF60 Filter Input
http
www nationalcom
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com