Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF60 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF60
Description  LMF60 High Performance 6th-Order Switched Capacitor Butterworth Lowpass Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF60 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMF60 Datasheet HTML 12Page - National Semiconductor (TI) LMF60 Datasheet HTML 13Page - National Semiconductor (TI) LMF60 Datasheet HTML 14Page - National Semiconductor (TI) LMF60 Datasheet HTML 15Page - National Semiconductor (TI) LMF60 Datasheet HTML 16Page - National Semiconductor (TI) LMF60 Datasheet HTML 17Page - National Semiconductor (TI) LMF60 Datasheet HTML 18Page - National Semiconductor (TI) LMF60 Datasheet HTML 19Page - National Semiconductor (TI) LMF60 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
20 Designing with the LMF60 (Continued)
24 CHANGING CLOCK FREQUENCY
INSTANTANEOUSLY
The LMF60 will respond well to a sudden change in clock
frequency Distortion in the output signal occurs at the tran-
sition of the clock frequency and lasts approximately three
cutoff frequency (fC) cycles As shown in Figure 12 ifthe
control signal is low the LMF60-50 has a 100 kHz clock
making fC e 2 kHz when this signal goes high the clock
frequency changes to 50 kHz yielding 1 kHz fC
The transient response of the LMF60 seen in
Figure 13 is
also dependent on the fc and thus the fCLK applied to the
filter The LMF60 responds as a classical sixth order Butter-
worth lowpass filter
TLH9294 – 27
fIN e 15 kHz (Scope Time Base e 2 msDiv)
FIGURE 12 LMF60-50 Abrupt Clock Frequency Change
25 ALIASING CONSIDERATIONS
Aliasing effects have to be taken into consideration when
input signal frequencies exceed half the sampling rate For
the LMF60 this equals half the clock frequency (fCLK)
When the input signal contains a component at a frequency
higher than half the clock frequency as in
Figure 14a that
component will be ‘‘reflected’’ about fCLK 2 into the fre-
quency range
below fCLK 2 as in Figure 14b If this compo-
nent is within the passband of the filter and of large enough
amplitude it can cause problems Therefore if frequency
components in the input signal exceed fCLK 2 they must be
attenuated before being applied to the LMF60 input The
necessary amount of attenuation will vary depending on
system requirements In critical applications the signal com-
ponents above fCLK 2 will have to be attenuated at least to
the filter’s residual noise level An example circuit is shown
in
Figure 15 using one of the uncommitted Op-Amps avail-
able in the LMF60
TLH9294 – 28
FIGURE 13 LMF60-50 Step Input Response
Vertical e 2VDiv Horizontal e
1 msDiv fCLK e 100 kHz
TLH9294 – 29
(a) Input Signal Spectrum
TLH9294 – 30
(b) Output Signal Spectrum Note that the input signal at
fs 2 a f causes an output signal to appear at fs 2 b f
FIGURE 14 The phenomenon of aliasing in sampled-data systems An input signal whose frequency
is greater than one-half the sampling frequency will cause an output to appear
at a frequency lower than one-half the sampling frequency In the LMF60 fs e fCLK
http
www nationalcom
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com