Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF60 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF60
Description  LMF60 High Performance 6th-Order Switched Capacitor Butterworth Lowpass Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF60 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMF60 Datasheet HTML 6Page - National Semiconductor (TI) LMF60 Datasheet HTML 7Page - National Semiconductor (TI) LMF60 Datasheet HTML 8Page - National Semiconductor (TI) LMF60 Datasheet HTML 9Page - National Semiconductor (TI) LMF60 Datasheet HTML 10Page - National Semiconductor (TI) LMF60 Datasheet HTML 11Page - National Semiconductor (TI) LMF60 Datasheet HTML 12Page - National Semiconductor (TI) LMF60 Datasheet HTML 13Page - National Semiconductor (TI) LMF60 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10 LMF60 Application Hints
The LMF60 is comprised of a non-inverting unity gain low-
pass sixth-order Butterworth switched capacitor filter sec-
tion and two undedicated CMOS Op-Amps The switched-
capacitor topology makes the cutoff frequency (where the
gain drops 301 dB below the DC gain) a direct ratio (1001
or 501) of the clock frequency supplied to the lowpass filter
Internal integrator time constants set the filter’s cutoff fre-
quency The resistive element of these integrators is actual-
ly a capacitor which is ‘‘switched’’ at the clock frequency
(for a detailed discussion see Input Impedance section)
Varying the clock frequency changes the value of this resis-
tive element and thus the time constant of the integrators
The clock to cutoff frequency ratio (fCLK fC) is set by the
ratio of the input and feedback capacitors in the integrators
The higher the clock to cutoff frequency ratio (or the sam-
pling rate) the closer the approximation is to the theoretical
Butterworth response The LMF60 is available in fCLK fC
ratios of 501 (LMF60-50) or 1001 (LMF60-100)
11 CLOCK INPUTS
The LMF60 has a Schmitt-trigger inverting buffer which can
be used to construct a simple RC oscillator The oscillator
frequency is dependent on the buffer’s threshold levels as
well as on the resistorcapacitor tolerance (See
Figure 1 )
Schmitt-trigger threshold voltage levels can vary significant-
ly causing the RC oscillator’s frequency to vary greatly
from part to part
Where accuracy in fC is required an external clock can be
used to drive the CLK R input of the LMF60 This input is
TTL logic level compatible and also presents a very light
load to the external clock source (E2 mA) with split sup-
plies and LSh tied to system ground The logic level is pro-
grammed by the voltage applied to level shift (LSh) pin (See
the Pin Description for LSh pin)
12 POWER SUPPLY BIASING
The LMF60 can be biased from a single supply or dual split
supplies The split supply mode shown in
Figures 2 and 3 is
the most flexible and easiest to implement As discussed
earlier split supplies g2V to g7V will enable the use of
TTL or CMOS clock logic levels
Figure 4 shows two
schemes for single supply biasing In this mode only CMOS
clock logic levels can be used
TLH9294 – 8
fCLK e
1
RC In
VCCbVTb
VCC b VTa
J VTa
VTb
(
Typically for VCC e Va b Vb e 10V
fCLK e
1
137 RC
FIGURE 1 Schmitt Trigger RC Oscillator
http
www nationalcom
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com