Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF60 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF60
Description  LMF60 High Performance 6th-Order Switched Capacitor Butterworth Lowpass Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF60 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMF60 Datasheet HTML 1Page - National Semiconductor (TI) LMF60 Datasheet HTML 2Page - National Semiconductor (TI) LMF60 Datasheet HTML 3Page - National Semiconductor (TI) LMF60 Datasheet HTML 4Page - National Semiconductor (TI) LMF60 Datasheet HTML 5Page - National Semiconductor (TI) LMF60 Datasheet HTML 6Page - National Semiconductor (TI) LMF60 Datasheet HTML 7Page - National Semiconductor (TI) LMF60 Datasheet HTML 8Page - National Semiconductor (TI) LMF60 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (V
a
b
V
b
) (Note 2)
15V
Voltage at Any Pin
V
a
a
02V
V
b
b
02V
Input Current at Any Pin (Note 3)
5 mA
Package Input Current (Note 3)
20 mA
Power Dissipation (Note 4)
500 mW
Storage Temperature
b
65 Cto a150 C
ESD Susceptibility (Note 5)
2000V
CLK IN Pin
1700V
Soldering Information
 N Package 10 sec
260 C
 J Package 10 sec
300 C
 SO Package Vapor Phase (60 sec)
215 C
Infrared (15 sec) (Note 6)
220 C
Operating Ratings (Note 1)
Temperature Range
TMin s TA s TMax
LMF60CIN-50 LMF60CIN-100
LMF60CIJ-50 LMF60CIJ-100
LMF60CIWM-50
LMF60CIWM-100
b
40 C s TA s a85 C
LMF60CMJ-50 LMF60CMJ-100
LMF60CMJ50883
LMF60CMJ100883
b
55 C s TA s a125 C
Supply Voltage (V
a
b
Vb)
4Vto14V
Filter Electrical Characteristics
The following specifications apply for fCLK e 500 kHz (Note 7) unless otherwise specified Boldface limits apply for TA e TJ
e
TMIN to TMAX all other limits TA e TJ e 25 C
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 8)
(Note 9)
(Limits)
V
a
ea
5V V
b
eb
5V
fCLK
Clock Frequency Range
5
Hz (Min)
(Note 16)
15
MHz (Max)
IS
Total Supply Current
70
120
mA (Max)
Clock Feedthrough
VIN e 0V
Filter
10
mVp-p
Opamp
5
mVp-p
Ho
DC Gain
RSource s 2kX
010
010
dB (Max)
b
026
b
030
dB (Min)
fCLK fC
Clock to
LMF60-50
4900 g08%
4900 g10%
(Max)
Cutoff
Frequency
LMF60-100
9810 g08%
9810 g10%
(Max)
Ratio (Note 10)
Temperature Coefficient
4
ppm C
of fCLK fC
AMIN
Stopband Attenuation
At 2 c fC
36
dB (Min)
VOS
DC Offset
LMF60-50
g
100
mV (Max)
Voltage
LMF60-100
g
150
mV (Max)
VOUT
Output Voltage
a
39
a
37
V (Min)
Swing (Note 2)
b
42
b
40
V (Max)
ISC
Output Short Circuit
Source
90
mA
Current (Note 11)
Sink
22
mA
Dynamic Range
88
dB
(Note 12)
Additional
LMF60-50
fIN e 12 kHz
b
945 g046
b
945 g050
dB
Magnitude
fIN e 9 kHz
b
087 g016
b
087 g020
dB
Response
LMF60-100
fIN e 6 kHz
b
930 g046
b
930 g050
dB
Test Points
(Note 13)
fIN e 45 kHz
b
087 g016
b
087 g020
dB
http
www nationalcom
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com