Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF60 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF60
Description  LMF60 High Performance 6th-Order Switched Capacitor Butterworth Lowpass Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF60 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMF60 Datasheet HTML 1Page - National Semiconductor (TI) LMF60 Datasheet HTML 2Page - National Semiconductor (TI) LMF60 Datasheet HTML 3Page - National Semiconductor (TI) LMF60 Datasheet HTML 4Page - National Semiconductor (TI) LMF60 Datasheet HTML 5Page - National Semiconductor (TI) LMF60 Datasheet HTML 6Page - National Semiconductor (TI) LMF60 Datasheet HTML 7Page - National Semiconductor (TI) LMF60 Datasheet HTML 8Page - National Semiconductor (TI) LMF60 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Op Amp Electrical Characteristics
Boldface limits apply for TA e TJ e TMIN to TMAX all other limits TA e TJ e 25 C
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 8)
(Note 9)
(Limits)
V
a
ea
5V V
b
eb
5V
VOS
Input Offset Voltage
g
20
mV (Max)
IB
Input Bias Current
10
pA
CMRR
Common Mode Rejection
Test Input Range e
55
dB
Ratio (Op Amp
2 Only)
b
22V to a18V
VO
Output Voltage Swing
RL e 5kX
38
36
V (Min)
b
42
b
40
V (Max)
ISC
Output Short Circuit
Source
90
mA
Current (Note 13)
Sink
21
mA
SR
Slew Rate
4
V ms
AVOL
DC Open Loop Gain
80
dB (Min)
GBW
Gain Bandwidth Product
20
MHz
V
a
ea
25V V
b
eb
25V
VOS
Input Offset Voltage
g
20
mV (Max)
IB
Input Bias Current
10
pA
CMRR
Common Mode Rejection
Test Input Range e
55
dB
Ratio (Op Amp
2 Only)
b
09V to a05V
VO
Output Voltage Swing
RL e 5kX
13
11
V (Min)
b
18
b
16
V (Max)
ISC
Output Short Circuit
Source
42
mA
Current (Note 13)
Sink
09
mA
SR
Slew Rate
3
V ms
AVOL
DC Open Loop Gain
74
dB (Min)
GBW
Gain Bandwidth Product
20
MHz
Logic Input-Output Characteristics
The following specifications apply for Vb e 0V (Note 15) LSh e 0V unless otherwise specified Boldface limits apply for TA
e
TJ e TMIN to TMAX all other limits TA e TJ e 25 C
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 8)
(Note 9)
(Limits)
TTL CLOCK INPUT CLK R PIN (NOTE 14)
VIH
TTL Input
Logical ‘‘1’’
V
a
ea
5V V
b
eb
5V
20
V (Min)
VIL
Voltage
Logical ‘‘0’’
08
V (Max)
VIH
CLK R Input
Logical ‘‘1’’
V
a
ea
25V V
b
eb
25V
20
V (Min)
VIL
Voltage
Logical ‘‘0’’
06
04
V (Max)
Maximum Leakage
20
m
A
Current at CLK R
http
www nationalcom
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com