Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF60 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF60
Description  LMF60 High Performance 6th-Order Switched Capacitor Butterworth Lowpass Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF60 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMF60 Datasheet HTML 7Page - National Semiconductor (TI) LMF60 Datasheet HTML 8Page - National Semiconductor (TI) LMF60 Datasheet HTML 9Page - National Semiconductor (TI) LMF60 Datasheet HTML 10Page - National Semiconductor (TI) LMF60 Datasheet HTML 11Page - National Semiconductor (TI) LMF60 Datasheet HTML 12Page - National Semiconductor (TI) LMF60 Datasheet HTML 13Page - National Semiconductor (TI) LMF60 Datasheet HTML 14Page - National Semiconductor (TI) LMF60 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
10 LMF60 Application Hints (Continued)
If the LMF60-50 or the LMF60-100 were set up for a cutoff
frequency of 10 kHz the input impedance would be
RIN e
1 c 1010
10 kHz
e
1MX
In this example with a source impedance of 10k the overall
gain if the LMF60 had an ideal gain of 1 (0 dB) would be
AV e
1MX
10 kX a 1MX
e
099009 (b864 mdB)
Since the maximum overall gain error for the LMF60 is a01
dB b03 dB with a RS s 2kX the actual gain error for this
case would be a021 dB to b039 dB
15 CUTOFF FREQUENCY RANGE
The filter’s cutoff frequency (fC) has a lower limit caused by
leakage currents through the internal switches discharging
the stored charge on the capacitors At lower clock frequen-
cies these leakage currents can cause millivolts of error for
example
fCLK e 100 Hz ILEAKAGE e 1 pA C e 1pF
V e
1pA
1 pF (100 Hz)
e
10 mV
The propagation delay in the logic and the settling time re-
quired to acquire a new voltage level on the capacitors in-
creases as the LMF60 power supply voltage decreases
This causes a shift in the fCLK fC ratio which will become
noticeable when the clock frequency exceeds 500 kHz The
amplitude characteristic will stay within tolerance until fCLK
exceeds 750 kHz and will peak at about 04 dB at the cutoff
frequency with a 2 MHz clock The response of the LMF60
is still a reasonable approximation of the ideal Butterworth
lowpass characteristic as can be seen in
Figure 7
TLH9294 – 17
FIGURE 7a LMF60-100 g5V Supplies
Amplitude Response
TLH9294 – 18
FIGURE 7b LMF60-50 g5V Supplies
Amplitude Response
TLH9294 – 19
FIGURE 7c LMF60-100 g25V Supplies
Amplitude Response
TLH9294 – 20
FIGURE 7d LMF60-50 g25V Supplies
Amplitude Response
http
www nationalcom
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com