Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF60 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF60
Description  LMF60 High Performance 6th-Order Switched Capacitor Butterworth Lowpass Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF60 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMF60 Datasheet HTML 5Page - National Semiconductor (TI) LMF60 Datasheet HTML 6Page - National Semiconductor (TI) LMF60 Datasheet HTML 7Page - National Semiconductor (TI) LMF60 Datasheet HTML 8Page - National Semiconductor (TI) LMF60 Datasheet HTML 9Page - National Semiconductor (TI) LMF60 Datasheet HTML 10Page - National Semiconductor (TI) LMF60 Datasheet HTML 11Page - National Semiconductor (TI) LMF60 Datasheet HTML 12Page - National Semiconductor (TI) LMF60 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Crosstalk Test Circuits
From Filter to Op-Amps
TLH9294 – 6
From Either Op-Amp to Filter Output
TLH9294 – 7
Pin Description (Pin Numbers)
Pin
Description
FILTER OUT (3)
The output of the lowpass filter will typi-
cally swing to within 1V of each supply
rail
FILTER IN (8)
The input to the lowpass filter To mini-
mize gain errors the source impedance
that drives this input should be less than
2k (See Section 14) For single supply
operation the input signal must be bi-
ased to mid-supply or AC coupled
VOSADJ (7)
This pin is used to adjust the DC offset
of the filter output if not used it must be
tied to the AGND potential (See Section
13)
AGND (5)
The analog ground pin This pin sets the
DC bias level for the filter section and
the noninverting input of Op-Amp
1
and must be tied to the system ground
for split supply operation or to mid-sup-
ply for single supply operation (See Sec-
tion 12) When tied to mid-supply this
pin should be well bypassed
VO1(4)
VO1 is the output and INV1 is the invert-
INV1 (13)
ing input of Op-Amp
1 The non-invert-
ing input of this Op-Amp is internally
connected to the AGND pin
VO2(2)
VO2 is the output INV2 is the inverting
INV2 (14)
input and NINV2 is the non-inverting in-
NINV2 (1)
put of Op-Amp
2
Va (6) Vb (10)
The positive and negative supply pins
The total power supply range is 4V to
14V Decoupling these pins with 01 mF
capacitors is highly recommended
Pin
Description
CLK IN (9)
A CMOS Schmitt-trigger input to be
used with an external CMOS logic level
clock
Also
used
for
self-clocking
Schmitt-trigger oscillator (See Section
11)
CLK R (11)
A TTL logic level clock input when in
split supply operation (g2V to g7V) and
L Sh tied to system ground This pin be-
comes a low impedance output when
LSh is tied to Vb Also used in conjunc-
tion with the CLK IN pin for self clocking
Schmitt-trigger oscillator (See Section
11)
LSh (12)
Level shift pin selects the logic thresh-
old levels for the desired clock When
tied to Vb it enables an internal TRI-
STATE
buffer
stage
between
the
Schmitt trigger and the internal clock
level shift stage thus enabling the CLK
IN Schmitt-trigger input and making the
CLK R pin a low impedance output
When the voltage level at this input ex-
ceeds 25% (Va b Vb) a V
b
the in-
ternal TRI-STATE
buffer is disabled al-
lowing the CLK R pin to become the
clock input for the internal clock level
shift stage The CLK R threshold level is
now 2V above the voltage applied to the
LSh pin Driving the CLK R pin with TTL
logic
levels
can
be
accomplished
through the use of split supplies and by
tying the LSh pin to system ground
http
www nationalcom
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com