Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF60 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF60
Description  LMF60 High Performance 6th-Order Switched Capacitor Butterworth Lowpass Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF60 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMF60 Datasheet HTML 1Page - National Semiconductor (TI) LMF60 Datasheet HTML 2Page - National Semiconductor (TI) LMF60 Datasheet HTML 3Page - National Semiconductor (TI) LMF60 Datasheet HTML 4Page - National Semiconductor (TI) LMF60 Datasheet HTML 5Page - National Semiconductor (TI) LMF60 Datasheet HTML 6Page - National Semiconductor (TI) LMF60 Datasheet HTML 7Page - National Semiconductor (TI) LMF60 Datasheet HTML 8Page - National Semiconductor (TI) LMF60 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TLH9294
May 1996
LMF60 High Performance
6th-Order Switched Capacitor
Butterworth Lowpass Filter
General Description
The LMF60 is a high performance precision 6th-order But-
terworth lowpass active filter It is fabricated using Nation-
al’s LMCMOS process an improved silicon-gate CMOS pro-
cess specifically designed for analog products Switched-
capacitor techniques eliminate external component require-
ments and allow a clock-tunable cutoff frequency The ratio
of the clock frequency to the low-pass cutoff frequency is
internally set to 501 (LMF60-50) or 1001 (LMF60-100) A
Schmitt trigger clock input stage allows two clocking op-
tions either self-clocking (via an external resistor and ca-
pacitor) for stand-alone applications or for tighter cutoff fre-
quency control a TTL or CMOS logic compatible clock can
be directly applied The maximally flat passband frequency
response together with a DC gain of 1VV allows cascading
LMF60 sections for higher-order filtering In addition to the
filter two independent CMOS op amps are included on the
die and are useful for any general signal conditioning appli-
cations The LMF60 is pin- and functionally-compatible with
the MF6 but provides improved performance
Features
Y
Cutoff frequency range of 01 Hz to 30 kHz
Y
Cutoff frequency accuracy of g10% maximum
Y
Low offset voltage g100 mV maximum g5V supply
Y
Low clock feedthrough of 10 mVp–p typical
Y
Dynamic range of 88 dB typical
Y
Two uncommitted op amps available
Y
No external components required
Y
14-pin DIP or 14-pin wide-body SO package
Y
SingleDual Supply Operation
a
4V to a14V (g2V to g7V)
Y
Cutoff frequency set by external or internal clock
Y
Pin-compatible with the MF6
Applications
Y
Communication systems
Y
Audio filtering
Y
Anti-alias filtering
Y
Data acquisition noise filtering
Y
Instrumentation
Y
High-order tracking filters
Block and Connection Diagrams
TLH9294 – 1
All Packages
TLH9294 – 2
Top View
Order Number LMF60CMJ-50
(5962-9096 701MCA or
LMF60CMJ50883)
LMF60CMJ-100 or
(5962-9096 702MCA
or LMF60CMJ100883)
See NS Package Number J14A
Order Number LMF60CIWM-50
or LMF60CIWM-100
See NS Package Number M14B
Order Number LMF60CIN-50
or LMF60CIN-100
See NS Package Number N14A
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M56Printed in U S A


Similar Part No. - LMF60

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMF606020 LEIDITECH-LMF606020 Datasheet
1Mb / 9P
Sealed Power Inductors
LMF606028 LEIDITECH-LMF606028 Datasheet
1Mb / 9P
Sealed Power Inductors
More results

Similar Description - LMF60

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF4 NSC-MF4 Datasheet
466Kb / 14P
MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
MF6 NSC-MF6 Datasheet
861Kb / 20P
6th Order Switched Capacitor Butterworth Lowpass
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
5th-Order, Lowpass, Switched-Capacitor Filters
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
National Semiconductor ...
MF4CN-100 NSC-MF4CN-100 Datasheet
442Kb / 13P
4TH ORDER SWITCHED CAPACITOR BUTTERWORTH
MF6C NSC-MF6C Datasheet
627Kb / 18P
ORDER SWITCHED CAPACITOR BUTTERWORTH LOWPASS FILTER
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com