Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF60 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF60
Description  LMF60 High Performance 6th-Order Switched Capacitor Butterworth Lowpass Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF60 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMF60 Datasheet HTML 10Page - National Semiconductor (TI) LMF60 Datasheet HTML 11Page - National Semiconductor (TI) LMF60 Datasheet HTML 12Page - National Semiconductor (TI) LMF60 Datasheet HTML 13Page - National Semiconductor (TI) LMF60 Datasheet HTML 14Page - National Semiconductor (TI) LMF60 Datasheet HTML 15Page - National Semiconductor (TI) LMF60 Datasheet HTML 16Page - National Semiconductor (TI) LMF60 Datasheet HTML 17Page - National Semiconductor (TI) LMF60 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
20 Designing with the LMF60
Given any lowpass filter specification two equations will
come in handy in trying to determine whether the LMF60 will
do the job The first equation determines the order of the
lowpass filter required
n e
log (1001AMin b 1) b log(1001AMax b 1)
2 log (fs fb)
(1)
where n is the order of the filter AMin is the minimum stop-
band attenuation (in dB) desired at frequency fs and AMax is
the passband ripple or attenuation (in dB) at frequency fb If
the result of this equation is greater than 6 then more than
a single LMF60 is required
The attenuation at any frequency can be found by the fol-
lowing equation
Attn(f) e 10 log 1 a (1001AMax b 1) (ffb)2n dB
(2)
where n e 6 (the order of the filter)
21 A LOWPASS DESIGN EXAMPLE
Suppose the amplitude response specification in
Figure 8 is
given Can the LMF60 be used
The order of the Butter-
worth approximation will have to be determined using eq 1
AMin e 30 dB AMax e 10 dB fs e 2 kHz and fb e 1 kHz
n e
log(103 b 1) b log(1001 b 1)
2 log(2)
e
596
Since n can only take on integer values n e 6 Therefore
the LMF60 can be used In general if n is 6 or less a single
LMF60 stage can be utilized
Likewise the attenuation at fs can be found using equation
2 with the above values and n e 6 giving
Atten (2 kHz) e 10 log 1 a (1001 b 1) (21)12
e
3026 dB
This result also meets the design specification given in
Fig-
ure 8 again verifying that a single LMF60 section will be
adequate
TLH9294 – 21
FIGURE 8 Design Example Magnitude Response
Specification Where the Response of the Filter Design
Must Fall Within the Shaded Area of the Specification
Since the LMF60’s cutoff freqency fC which corresponds to
a gain attenuation of b301 dB was not specified in this
example it needs to be calculated Solving equation 2 where
f e fC as follows
fc e fb
1001(301 dB) b 1)
(1001AMax b 1)
(1(2n)
e
1
10
0301 b 1
1001 b 1
J112
e
1119 kHz
where fC e fCLK 50 or fCLK 100
To implement this example for the LMF60-50 the clock fre-
quency will have to be set to fCLK e 50(1119 kHz) e
5595 kHz or for the LMF60-100 fCLK e 100(1119 kHz) e
1119 kHz
22 CASCADING LMF60s
In the case where a steeper stopband attenuation rate is
required two LMF60’s can be cascaded
(Figure 9) yielding a
12th order slope of 72 dB per octave Because the LMF60
is a Butterworth filter and therefore has no ripple in its pass-
band when LMF60’s are cascaded the resulting filter also
has no ripple in its passband Likewise the DC and pass-
band gains will remain at 1VV The resulting response is
shown in
Figure 10
In determining whether the cascaded LMF60’s will yield a
filter that will meet a particular amplitude response specifi-
cation as above equations 3 and 4 can be used shown
below
n e
log (10005 Amin b 1) b log(10005 AMax b 1)
2 log (fs fb)
(3)
Attn(f) e 10 log 1 a (10005 AMax b 1) (ffb)2n dB
(4)
where n e 6 (the order of each filter)
Equation 3 will determine whether the order of the filter is
adequate (n s 6) while equation 4 can determine if the
required stopband attenuation is met and what actual cutoff
frequency (fC) is required to obtain the particular frequency
response desired The design procedure would be identical
to the one shown in Section 21
23 IMPLEMENTING A ‘‘NOTCH’’ FILTER WITH THE
LMF60
A ‘‘notch’’ filter with 60 dB of attenuation can be obtained by
using one of the Op-Amps available in the LMF60 and three
external resistors The circuit and amplitude response are
shown in
Figure 11
The frequency where the ‘‘notch’’ will occur is equal to the
frequency at which the output signal of the LMF60 will have
the same magnitude but be 180 degrees out of phase with
its input signal For a sixth order Butterworth filter 180
phase shift occurs where f e fn e 0742 fC The attenua-
tion at this frequency is 012 dB which must be compensat-
ed for by making R1 e 1014 c R2
Since R1 does not equal R2 there will be a gain inequality
above and below the notch frequency At frequencies below
the notch frequency (f m fn) the signal through the filter
has a gain of one and is non-inverting Summing this with
the input signal through the Op-Amp yields an overall gain
of two or a6 dB For f n fn the signal at the output of the
filter is greatly attenuated thus only the input signal will ap-
pear at the output of the Op-Amp With R3 e R1 e 1014
R2 the overall gain is 0986 or b012 dB at frequencies
above the notch
http
www nationalcom
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com