Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT121Q-R Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # FT121Q-R
Description  Enhanced USB Device Controller with SPI Slave IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT121Q-R Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button FT121Q-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Copyright © 2014 Future Technology Devices International Limited
10
Document No.: FT_000648
FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC
Datasheet Version 1.2
Clearance No.: FTDI#
312
OUT Buffer. Data sent from the USB host controller to FT121 via the USB data OUT endpoint is stored in
the OUT buffer. Data is removed from the OUT buffer to system memory under control of the parallel
interface block.
IN Buffer. Data from system memory is stored in the IN buffer. The USB host controller removes data
from the IN buffer by sending a USB request for data from the device data IN endpoint.
RESET Generator. The integrated Reset Generator cell provides a reliable power-on reset to the device
internal circuitry at power up. The RESET_n input pin allows an external device to reset the FT121.
SPI Controller Block. The SPI slave controller provides control and data interfaces between the external
MCU and internal registers and endpoint buffers. It supports 4-wire (default) or 3-wire SPI operation.
4.2 Interrupt Modes
The FT121 interrupt pin (INT_n) can be programmed to generate an interrupt in different modes. The
interrupt source can be any bit in the Interrupt Register, an SOF packet being received, or both. The
interrupt modes are selectable by two register bits, one is the SOF-only Interrupt Mode bit (bit 7 of Clock
Division Factor register), and the other is the Interrupt Pin Mode bit (bit 5 of Interrupt Configuration
register).
Interrupt
mode
Bit SOF-only
Interrupt
Mode
Bit Interrupt
Pin Mode
Interrupt source
0
0
0
Any bit in Interrupt register
1
0
1
Any bit in Interrupt register and SOF
2
1
X
SOF only
Table 4.1 Interrupt modes
4.3 SPI Slave Interface
The SPI slave interface supports 4-wire (default) and 3-wire operation. In 4-wire operation the SPI
master will drive data on the MOSI pin and the SPI slave will drive data on the MISO pin. In 3-wire
operation both SPI master and SPI slave share the same data pin (MOSI pin becomes a bi-directional
pin). Upon power-on or hardware reset, the FT121 SPI slave interface is in 4-wire mode. The 3-wire
operation is enabled when a Set 3-wire command is issued to the FT121.
The SPI protocol will follow a command + data format where a command is transmitted after SS_n is
asserted and each subsequent byte will be a data byte. When all data bytes for this command are
completed the SS_n is de-asserted. This can be seen in Figure 4-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com