Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT121Q-R Datasheet(PDF) 22 Page - Future Technology Devices International Ltd.

Part # FT121Q-R
Description  Enhanced USB Device Controller with SPI Slave IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT121Q-R Datasheet(HTML) 22 Page - Future Technology Devices International Ltd.

Back Button FT121Q-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 26Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Copyright © 2014 Future Technology Devices International Limited
22
Document No.: FT_000648
FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC
Datasheet Version 1.2
Clearance No.: FTDI#
312
Command Name
Target
Code (hex)
Data phase
Read Vendor ID
Device
EBh
Read 2 bytes
Read Product ID
Device
EAh
Read 2 bytes
Read FTDI ID
Device
EDh
Read 1 byte
Table 6.2 enhanced command set
6.2 Initialization Commands
6.2.1 Set Address Enable
Command
: D0h
Data
: Write 1 byte
Bit
Symbol
Reset
Description
6-0
Address
0b’0000000 USB assigned device address. A bus reset will reset all
address bits to 0.
7
Enable
0
Function enable. A bus reset will automatically enable the
function at default address 0.
Table 6.3 Address Enable Register
6.2.2 Set Endpoint Enable
Command
: D8h
Data
: Write 1 byte
Bit
Symbol
Reset
Description
0
EP_Enable
0
Enable all endpoints (Note EP0 is always enabled
regardless the setting of EP_Enable bit). Endpoints can
only be enabled when the function is enabled.
7-1
Reserved
0b’0000000 Reserved, write to 0
Table 6.4 Endpoint Enable Register
6.2.3 Set Mode
Command
: F3h
Data
: Write 2 bytes
Bit
Symbol
Reset
Description
1-0
Reserved
0b’00
Reserved, write to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com