Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT121Q-R Datasheet(PDF) 31 Page - Future Technology Devices International Ltd.

Part # FT121Q-R
Description  Enhanced USB Device Controller with SPI Slave IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT121Q-R Datasheet(HTML) 31 Page - Future Technology Devices International Ltd.

Back Button FT121Q-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 35Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
Copyright © 2014 Future Technology Devices International Limited
31
Document No.: FT_000648
FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC
Datasheet Version 1.2
Clearance No.: FTDI#
312
6.4.1 Read Current Frame Number
Command
: F5h
Data
: Read One or Two Bytes
Bit
Symbol
Reset
Description
7-0
Frame Number LSB
00h
Frame number for last received SOF, byte 1 (least
significant byte)
Table 6.18 Frame Number LSB Register
Bit
Symbol
Reset
Description
2-0
Frame Number MSB
0b’000
Frame number for last received SOF, byte 2 (Most
significant byte)
7-3
Reserved
0b’00000
Reserved
Table 6.19 Frame Number MSB Register
6.4.2 Send Resume
Command
: F6h
Data
: None
To perform remote-wakeup when suspended, the MCU needs to issue Send Resume command. The
FT121 will send an upstream resume signal for a period of 10 ms. If the clock is not running during
suspend, the MCU needs to wakeup FT121 by driving the SUSPEND pin to LOW, followed by the Send
Resume command.
6.4.3 Set 3-wire Mode
Command
: E8h
Data
: None
This command is used to enable the 3-wire SPI mode. Once enabled, the MOSI pin will become bi-
directional line and the MISO pin is not functional. Both SPI master and slave will drive data on the MOSI
line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com