Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT121Q-R Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # FT121Q-R
Description  Enhanced USB Device Controller with SPI Slave IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT121Q-R Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button FT121Q-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
Copyright © 2014 Future Technology Devices International Limited
11
Document No.: FT_000648
FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC
Datasheet Version 1.2
Clearance No.: FTDI#
312
SS_n
Command
Write Data
SCLK
MOSI
MISO
0
1
6
7
0
1
6
7
Command
Write Data
Read Data
Figure 4-1 SPI access
The SPI slave supports SPI mode 1 (CPOL=0, CPHA=1). This means the rising edge is the driving edge
while the falling edge is the sample edge. The drive edge is always before the sample edge.
The maximum SPI clock supported is 20MHz, for both 4-wire and 3-wire modes. Refer to the AC
characteristics section for SPI timing figures.
4.3.1 4-wire write operation
When the SPI master performs a data write operation, it drives the SS_n line low, sends the 8-bit
command byte on MOSI line, followed by sending of the data bytes. The length of the data byte ranges
from 0 to maximum 506, depending on the command type. The master will signal the end of the data
write operation by drive the SS_n line high.
Figure 4-2 4-wire write operation
4.3.2 4-wire read operation
When the SPI master performs a data read operation, it drives the SS_n line low and sends the 8-bit
command byte on MOSI line. The FT121 will output data bytes on the MISO line. The length of the data
byte ranges from 0 to maximum 506, depending on the command type. The master will signal the end of
the data read operation by drive the SS_n line high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com