Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT121Q-R Datasheet(PDF) 33 Page - Future Technology Devices International Ltd.

Part # FT121Q-R
Description  Enhanced USB Device Controller with SPI Slave IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT121Q-R Datasheet(HTML) 33 Page - Future Technology Devices International Ltd.

Back Button FT121Q-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 37Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
Copyright © 2014 Future Technology Devices International Limited
33
Document No.: FT_000648
FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC
Datasheet Version 1.2
Clearance No.: FTDI#
312
7 Application Information
Figure 7-1 shows a reference application circuit for a USB bus-powered application. Figure 7-1 shows a
reference application circuit for a USB self-powered application.
FT121
1
2
3
4
5
SHIELD
Ferrite
Bead
VCC
VOUT3V3
DM
DP
VCCIO
VCC
RESET_n
100nF
10nF
27R
27R
MCU
VCC3V3
VCC
SUSPEND
MOSI
MISO
SCLK
SS_n
INT_n
VBUS_S
MOSI
MISO
SCLK
SS#
GPIO
100nF
VCC3V3
GPIO
10k
10k
47pF
100nF
4.7uF
+
VCC
47pF
Figure 7-1 FT121 bus powered application
FT121
1
2
3
4
5
SHIELD
VCC
VOUT3V3
DM
DP
VCCIO
VCC
RESET_n
100nF
27R
27R
MCU
VCC
VCC
SUSPEND
MOSI
MISO
SCLK
SS_n
INT_n
VBUS_S
GPIO
MOSI
MISO
SCLK
SS#
GPIO
100nF
VCC3V3
470k
1M
47pF
47pF
10k
10k
VCC3V3
1M
1M
100nF
4.7uF
+
VCC
Figure 7-2 FT121 self powered application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com