Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT121Q-R Datasheet(PDF) 20 Page - Future Technology Devices International Ltd.

Part # FT121Q-R
Description  Enhanced USB Device Controller with SPI Slave IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT121Q-R Datasheet(HTML) 20 Page - Future Technology Devices International Ltd.

Back Button FT121Q-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 24Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Copyright © 2014 Future Technology Devices International Limited
20
Document No.: FT_000648
FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC
Datasheet Version 1.2
Clearance No.: FTDI#
312
Command Name
Target
Code (hex)
Data phase
Endpoint 0 IN
41h
Read 1 byte
Endpoint 1 OUT
42h
Read 1 byte
Endpoint 1 IN
43h
Read 1 byte
Endpoint 2 OUT
44h
Read 1 byte
Endpoint 2 IN
45h
Read 1 byte
Endpoint 3 OUT
46h
Read 1 byte
Endpoint 3 IN
47h
Read 1 byte
Endpoint 4 OUT
48h
Read 1 byte
Endpoint 4 IN
49h
Read 1 byte
Endpoint 5 OUT
4Ah
Read 1 byte
Endpoint 5 IN
4Bh
Read 1 byte
Endpoint 6 OUT
4Ch
Read 1 byte
Endpoint 6 IN
4Dh
Read 1 byte
Endpoint 7 OUT
4Eh
Read 1 byte
Endpoint 7 IN
4Fh
Read 1 byte
Read Endpoint Status
Endpoint 0 OUT
80h
Read 1 byte
Endpoint 0 IN
81h
Read 1 byte
Endpoint 1 OUT
82h
Read 1 byte
Endpoint 1 IN
83h
Read 1 byte
Endpoint 2 OUT
84h
Read 1 byte
Endpoint 2 IN
85h
Read 1 byte
Endpoint 3 OUT
86h
Read 1 byte
Endpoint 3 IN
87h
Read 1 byte
Endpoint 4 OUT
88h
Read 1 byte
Endpoint 4 IN
89h
Read 1 byte
Endpoint 5 OUT
8Ah
Read 1 byte
Endpoint 5 IN
8Bh
Read 1 byte
Endpoint 6 OUT
8Ch
Read 1 byte
Endpoint 6 IN
8Dh
Read 1 byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com