Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT121Q-R Datasheet(PDF) 18 Page - Future Technology Devices International Ltd.

Part # FT121Q-R
Description  Enhanced USB Device Controller with SPI Slave IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT121Q-R Datasheet(HTML) 18 Page - Future Technology Devices International Ltd.

Back Button FT121Q-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 22Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
Copyright © 2014 Future Technology Devices International Limited
18
Document No.: FT_000648
FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC
Datasheet Version 1.2
Clearance No.: FTDI#
312
Command Name
Target
Code (hex)
Data phase
Endpoint 2 IN
85h
Read 1 byte
Read Buffer
Selected Endpoint
E0h
Read multiple bytes
Write Buffer
Selected Endpoint
F0h
Write multiple bytes
Set Endpoint Status
Endpoint 0 OUT
50h
Write 1 byte
Endpoint 0 IN
51h
Write 1 byte
Endpoint 1 OUT
52h
Write 1 byte
Endpoint 1 IN
53h
Write 1 byte
Endpoint 2 OUT
54h
Write 1 byte
Endpoint 2 IN
55h
Write 1 byte
Acknowledge Setup
Selected Endpoint
F1h
None
Clear Buffer
Selected Endpoint
F2h
None
Validate Buffer
Selected Endpoint
FAh
None
General Commands
Read Current Frame Number
Device
F5h
Read 1 or 2 bytes
Send Resume
Device
F6h
None
Table 6.1 FT121 default command set
Command Name
Target
Code (hex)
Data phase
Initialization Commands
Set Address Enable
Device
D0h
Write 1 byte
Set Endpoint Enable
Device
D8h
Write 1 byte
Set Mode
Device
F3h
Write 2 bytes
Set Interrupt
Device
FBh
Write 1 byte
Set Endpoint Configuration
Endpoint 0 OUT
B0h
Write 1 byte
Endpoint 0 IN
B1h
Write 1 byte
Endpoint 1 OUT
B2h
Write 1 byte
Endpoint 1 IN
B3h
Write 1 byte
Endpoint 2 OUT
B4h
Write 1 byte
Endpoint 2 IN
B5h
Write 1 byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com