Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT121Q-R Datasheet(PDF) 26 Page - Future Technology Devices International Ltd.

Part # FT121Q-R
Description  Enhanced USB Device Controller with SPI Slave IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT121Q-R Datasheet(HTML) 26 Page - Future Technology Devices International Ltd.

Back Button FT121Q-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 30Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
Copyright © 2014 Future Technology Devices International Limited
26
Document No.: FT_000648
FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC
Datasheet Version 1.2
Clearance No.: FTDI#
312
Bit
Symbol
Reset
Description
4
Endpoint 5 Out
0
Interrupt for endpoint 5 OUT buffer. Cleared by Read
Last Transaction Status command.
5
Endpoint 5 In
0
Interrupt for endpoint 5 IN buffer. Cleared by Read Last
Transaction Status command.
6
Endpoint 6 Out
0
Interrupt for endpoint 6OUT buffer. Cleared by Read Last
Transaction Status command.
7
Endpoint 6 In
0
Interrupt for endpoint 6 IN buffer. Cleared by Read Last
Transaction Status command.
Table 6.11 Interrupt Register Byte 3 (for Enhanced Mode)
Bit
Symbol
Reset
Description
0
Endpoint 7 Out
0
Interrupt for endpoint 7 OUT buffer. Cleared by Read
Last Transaction Status command.
1
Endpoint 7 In
0
Interrupt for endpoint 7 IN buffer. Cleared by Read Last
Transaction Status command.
7-2
Reserved
0b’xxxxxx
Reserved
Table 6.12 Interrupt Register Byte 4 (for Enhanced Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com