Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT121Q-R Datasheet(PDF) 16 Page - Future Technology Devices International Ltd.

Part # FT121Q-R
Description  Enhanced USB Device Controller with SPI Slave IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT121Q-R Datasheet(HTML) 16 Page - Future Technology Devices International Ltd.

Back Button FT121Q-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 20Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
Copyright © 2014 Future Technology Devices International Limited
16
Document No.: FT_000648
FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC
Datasheet Version 1.2
Clearance No.: FTDI#
312
The endpoint buffer configurations, settable using the Set Endpoint Configuration command, are as
follows:
Endpoint buffer size register setting (0b’)
Non-isochronous endpoint Isochronous endpoint
0000
8 bytes
16 bytes
0001
16 bytes
32 bytes
0010
32 bytes
48 bytes
0011
64 bytes
64 bytes
0100
-
96 bytes
0101
-
128 bytes
0110
-
160 bytes
0111
-
192 bytes
1000
-
256 bytes
1001
-
320 bytes
1010
-
384 bytes
1011
-
504 bytes
1100-1111
-
-
Table 5.4 Endpoint Maximum Packet Size
Note: 504 is the maximum byte count as there are 1024 bytes in total and 8 bytes IN and OUT packets
for control endpoint 0 must always be reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com