Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT121Q-R Datasheet(PDF) 29 Page - Future Technology Devices International Ltd.

Part # FT121Q-R
Description  Enhanced USB Device Controller with SPI Slave IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT121Q-R Datasheet(HTML) 29 Page - Future Technology Devices International Ltd.

Back Button FT121Q-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT121Q-R Datasheet HTML 33Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
Copyright © 2014 Future Technology Devices International Limited
29
Document No.: FT_000648
FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC
Datasheet Version 1.2
Clearance No.: FTDI#
312
Bit
Symbol
Reset
Description
7
Endpoint Stalled
0
0: endpoint is not stalled
1: endpoint is stalled
Table 6.16 Endpoint Buffer Status Register
6.3.5 Read Buffer
Command
: E0h
Data
: Read multiple bytes
The Read Buffer command is used to read the received packet from the selected endpoint OUT buffer.
The data in the endpoint buffer is organized as follows:
byte 0: length of payload packet, MSB(for default mode this byte is ignored)
byte 1: length of payload packet, LSB
byte 2: Payload packet byte 1
byte 3: Payload packet byte 2
byte n+1: Payload packet byte n (n = packet length)
6.3.6 Write Buffer
Command
: F0h
Data
: Write multiple bytes
The Write Buffer command is used to write payload packet to the selected endpoint IN buffer.
The data must be organized in the same way as described in the Read Buffer command. For default mode
byte 0 should always be set to 00h.
6.3.7 Clear Buffer
Command
: F2h
Data
: None
The Clear Buffer command should be issued after all data has been read out from the endpoint buffer.
This is to free the buffer to receive next packet from USB host.
6.3.8 Validate Buffer
Command
: FAh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com