Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54x Datasheet(PDF) 58 Page - STMicroelectronics

Part # SPC56AP54x
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54x Datasheet(HTML) 58 Page - STMicroelectronics

Back Button SPC56AP54x Datasheet HTML 54Page - STMicroelectronics SPC56AP54x Datasheet HTML 55Page - STMicroelectronics SPC56AP54x Datasheet HTML 56Page - STMicroelectronics SPC56AP54x Datasheet HTML 57Page - STMicroelectronics SPC56AP54x Datasheet HTML 58Page - STMicroelectronics SPC56AP54x Datasheet HTML 59Page - STMicroelectronics SPC56AP54x Datasheet HTML 60Page - STMicroelectronics SPC56AP54x Datasheet HTML 61Page - STMicroelectronics SPC56AP54x Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 105 page
background image
Electrical characteristics
SPC56xP54x, SPC56xP60x
58/105
DocID18340 Rev 6
3.6
Electromagnetic interference (EMI) characteristics
3.7
Electrostatic discharge (ESD) characteristics
3.8
Power management electrical characteristics
3.8.1
Voltage regulator electrical characteristics
The internal voltage regulator requires an external NPN ballast to be connected as shown in
Figure 9. Table 16 contains all approved NPN ballast components. Capacitances should be
placed on the board as near as possible to the associated pins. Care should also be taken
to limit the serial inductance of the VDD_HV_REG, BCTRL and VDD_LV_CORx pins to less than
LReg, see Table 17.
Note:
The voltage regulator output cannot be used to drive external circuits. Output pins are used
only for decoupling capacitances.
VDD_LV_COR must be generated using internal regulator and external NPN transistor. It is
not possible to provide VDD_LV_COR through external regulator.
For the SPC56xP54x/SPC56xP60x microcontroller, capacitors, with total values not below
CDEC1, should be placed between VDD_LV_CORx/VSS_LV_CORx close to external ballast
transistor emitter. 4 capacitors, with total values not below CDEC2, should be placed close to
microcontroller pins between each VDD_LV_CORx/VSS_LV_CORx supply pairs and the
Table 14. EMI testing specifications
Parameter
Symbol
Conditions
fOSC/fBUS
Frequency
Level
(Max)
Unit
VRE_TEM
Radiated
emissions,
electric field
VDD = 5 V;
TA = 25 °C
150 kHz–30 MHz
RBW 9 kHz, Step
Size 5 kHz
30 MHz–1 GHz
RBW 120 kHz,
Step Size 80 kHz
8 MHz crystal
64 MHz bus
No PLL frequency
modulation
150 kHz–150 MHz
18
dB
V
150–1000 MHz
12
IEC Level
M
—
8 MHz crystal
64 MHz bus
±2% PLL
frequency
modulation
150 kHz–150 MHz
18
dB
V
150–1000 MHz
12
IEC Level
M
—
Table 15. ESD ratings(1)(2)
Symbol
Parameter
Conditions
Value
Unit
VESD(HBM)
SR Electrostatic discharge (Human Body Model)
—
2000
V
VESD(CDM)
SR Electrostatic discharge (Charged Device Model)
—
750 (corners)
V
500 (other)
1. All ESD testing is in conformity with CDF-AEC-Q100 Stress Test Qualification for Automotive Grade Integrated Circuits.
2. A device will be defined as a failure if after exposure to ESD pulses the device no longer meets the device specification
requirements. Complete DC parametric and functional testing shall be performed per applicable device specification at
room temperature followed by hot temperature, unless specified otherwise in the device specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com