Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54x Datasheet(PDF) 60 Page - STMicroelectronics

Part # SPC56AP54x
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54x Datasheet(HTML) 60 Page - STMicroelectronics

Back Button SPC56AP54x Datasheet HTML 56Page - STMicroelectronics SPC56AP54x Datasheet HTML 57Page - STMicroelectronics SPC56AP54x Datasheet HTML 58Page - STMicroelectronics SPC56AP54x Datasheet HTML 59Page - STMicroelectronics SPC56AP54x Datasheet HTML 60Page - STMicroelectronics SPC56AP54x Datasheet HTML 61Page - STMicroelectronics SPC56AP54x Datasheet HTML 62Page - STMicroelectronics SPC56AP54x Datasheet HTML 63Page - STMicroelectronics SPC56AP54x Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 105 page
background image
Electrical characteristics
SPC56xP54x, SPC56xP60x
60/105
DocID18340 Rev 6
3.8.2
Voltage monitor electrical characteristics
The device implements a Power On Reset module to ensure correct power-up initialization,
as well as three low voltage detectors to monitor the VDD and the VDD_LV voltage while
device is supplied:
POR monitors VDD during the power-up phase to ensure device is maintained in a safe
reset state
LVDHV3 monitors VDD to ensure device reset below minimum functional supply
LVDHV5 monitors VDD when application uses device in the 5.0V ± 10% range
LVDLVCOR monitors low voltage digital power domain
Table 17. Voltage regulator electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ Max
VDD_LV_REGCOR CC P
Output voltage under
maximum load run supply
current configuration
Post-trimming
1.15
—
1.32
V
CDEC1
SR —
External decoupling/stability
ceramic capacitor
BJT from Table 16. 3
capacitances (i.e. X7R or
X8R capacitors) with nominal
value of 10 µF
19.5
30
—
µF
BJT BC817, one capacitance
of 22 µF
14.3
22
µF
RREG
SR —
Resulting ESR of all three
capacitors of CDEC1
BJT from Table 16. 3x10 µF.
Absolute maximum value
between 100 kHz and
10 MHz
——
50
m
Resulting ESR of the unique
capacitor CDEC1
BJT BC817, 1x 22 µF.
Absolute maximum value
between 100 kHz and
10 MHz
10
—
40
m
CDEC2
SR —
External decoupling/stability
ceramic capacitor
4 capacitances (i.e. X7R or
X8R capacitors) with nominal
value of 440 nF
1200 1760
—
nF
CDEC3
SR —
External decoupling/stability
ceramic capacitor on
VDD_HV_REG
3 capacitances (i.e. X7R or
X8R capacitors) with nominal
value of 10 µF; CDEC3 has to
be equal or greater than
CDEC1
19.5
30
—
µF
LReg
SR —
Resulting ESL of VDD_HV_REG,
BCTRL and VDD_LV_CORx pins
——
—
15
nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com