Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54x Datasheet(PDF) 67 Page - STMicroelectronics

Part # SPC56AP54x
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54x Datasheet(HTML) 67 Page - STMicroelectronics

Back Button SPC56AP54x Datasheet HTML 63Page - STMicroelectronics SPC56AP54x Datasheet HTML 64Page - STMicroelectronics SPC56AP54x Datasheet HTML 65Page - STMicroelectronics SPC56AP54x Datasheet HTML 66Page - STMicroelectronics SPC56AP54x Datasheet HTML 67Page - STMicroelectronics SPC56AP54x Datasheet HTML 68Page - STMicroelectronics SPC56AP54x Datasheet HTML 69Page - STMicroelectronics SPC56AP54x Datasheet HTML 70Page - STMicroelectronics SPC56AP54x Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 105 page
background image
DocID18340 Rev 6
67/105
SPC56xP54x, SPC56xP60x
Electrical characteristics
104
3.11.2
DC electrical characteristics (3.3 V)
Table 22 gives the DC electrical characteristics at 3.3 V (3.0 V < VDD_HV_IOx < 3.6 V,
NVUSRO[PAD3V5V]=1) as described in Figure 14.
Figure 14. I/O input DC electrical characteristics definition
VIL
VIN
VIH
PDIx = ‘1’
VDD
VHYS
(GPDI register of SIUL)
PDIx = ‘0’
Table 22. DC electrical characteristics (3.3 V, NVUSRO[PAD3V5V]=1)(1)
Symbol
Parameter
Conditions
Min
Max
Unit
VIL
D Minimum low level input voltage
—
–0.1(2)
—V
VIL
P Maximum low level input voltage
—
—
0.35 VDD_HV_IOx
V
VIH
P Minimum high level input voltage
—
0.65 VDD_HV_IOx
—V
VIH
D Maximum high level input voltage
—
—
VDD_HV_IOx + 0.1(2)
V
VHYS
T Schmitt trigger hysteresis
—
0.1 VDD_HV_IOx
—V
VOL_S
P Slow, low level output voltage
IOL = 1.5 mA
—
0.5
V
VOH_S
P Slow, high level output voltage
IOH = –1.5 mA
VDD_HV_IOx – 0.8
—
V
VOL_M
P Medium, low level output voltage
IOL = 2 mA
—
0.5
V
VOH_M P Medium, high level output voltage IOH = –2 mA
VDD_HV_IOx – 0.8
—
V
VOL_F
P Fast, high level output voltage
IOL = 11 mA
—
0.5
V
VOH_F
P Fast, high level output voltage
IOH = –11 mA
VDD_HV_IOx – 0.8
—
V
VOL_SYM P
Symmetric, high level output
voltage
IOL = 1.5 mA
—
0.5
V
VOH_SYM P
Symmetric, high level output
voltage
IOH = –1.5 mA
VDD_HV_IOx – 0.8
—
V
IPU
P Equivalent pull-up current
VIN = VIL
–130
—
µA
VIN = VIH
—
–10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com