Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54x Datasheet(PDF) 17 Page - STMicroelectronics

Part # SPC56AP54x
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54x Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SPC56AP54x Datasheet HTML 13Page - STMicroelectronics SPC56AP54x Datasheet HTML 14Page - STMicroelectronics SPC56AP54x Datasheet HTML 15Page - STMicroelectronics SPC56AP54x Datasheet HTML 16Page - STMicroelectronics SPC56AP54x Datasheet HTML 17Page - STMicroelectronics SPC56AP54x Datasheet HTML 18Page - STMicroelectronics SPC56AP54x Datasheet HTML 19Page - STMicroelectronics SPC56AP54x Datasheet HTML 20Page - STMicroelectronics SPC56AP54x Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 105 page
background image
DocID18340 Rev 6
17/105
SPC56xP54x, SPC56xP60x
Introduction
104
allow the appropriate priorities for each source of interrupt request, the priority of each
interrupt request is software configurable.
When multiple tasks share a resource, coherent accesses to that resource need to be
supported. The INTC supports the priority ceiling protocol for coherent accesses. By
providing a modifiable priority mask, the priority can be raised temporarily so that all tasks
which share the resource can not preempt each other.
The INTC provides the following features:
Unique 9-bit vector for each separate interrupt source
8 software triggerable interrupt sources
16 priority levels with fixed hardware arbitration within priority levels for each interrupt
source
Ability to modify the ISR or task priority.
–
Modifying the priority can be used to implement the Priority Ceiling Protocol for
accessing shared resources.
2 external high priority interrupts directly accessing the main core and IOP critical
interrupt mechanism
The INTC module is replicated for each processor.
1.5.7
System clocks and clock generation
The following list summarizes the system clock and clock generation on the
SPC56xP54x/SPC56xP60x:
Lock detect circuitry continuously monitors lock status
Loss of clock (LOC) detection for PLL outputs
Programmable output clock divider (
1, 2, 4, 8)
Programmable output clock divider (
1, 2, 3 to 256)
eTimer module running at the same frequency as the e200z0h core
On-chip oscillator with automatic level control
Internal 16 MHz RC oscillator for rapid start-up and safe mode
–
Supports frequency trimming by user application
1.5.8
Frequency modulated phase-locked loop (FMPLL)
The FMPLL allows the user to generate high speed system clocks from a 4 MHz to 40 MHz
input clock. Further, the FMPLL supports programmable frequency modulation of the
system clock. The FMPLL multiplication factor, output clock divider ratio are all software
configurable.
The FMPLL has the following major features:
Input clock frequency from 4 MHz to 40 MHz
Voltage controlled oscillator (VCO) range from 256 MHz to 512 MHz
Reduced frequency divider (RFD) for reduced frequency operation without forcing the
PLL to relock
Modulation enabled/disabled through software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com